Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2507 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2507
Description  Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2507 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2507 Datasheet HTML 1Page - National Semiconductor (TI) LM2507 Datasheet HTML 2Page - National Semiconductor (TI) LM2507 Datasheet HTML 3Page - National Semiconductor (TI) LM2507 Datasheet HTML 4Page - National Semiconductor (TI) LM2507 Datasheet HTML 5Page - National Semiconductor (TI) LM2507 Datasheet HTML 6Page - National Semiconductor (TI) LM2507 Datasheet HTML 7Page - National Semiconductor (TI) LM2507 Datasheet HTML 8Page - National Semiconductor (TI) LM2507 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Pin Descriptions — CPU (Continued)
Pin Name
No.
of Pins
I/O, Type
Description
CPU Master
(MST)
CPU Slave
(SLV)
POWER/GROUND PINS
V
DDA
1
Power
Power Supply Pin for the MST PLL and MPL Interface. 1.74V to 2.0V
V
SSA
1
Ground
Ground Pin for the MPL Interface, and analog circuitry.
V
DDcore
1
Power
Power Supply Pin for the digital core. 1.74V to 2.0V
V
SScore
1
Ground
Ground Pin for the digital core.
V
DDIO
2
Power
Power Supply Pin for the parallel interface I/Os. 1.74V to 3.0V
V
SSIO
2
Ground
Ground Pin for the parallel interface I/Os.
V
bulk
9
Connect to Ground - uArray Package
DAP
1
Connect to Ground - LLP Package
Note:
I = Input, O = Output, IO = Input/Output. Do not float input pins.
Ordering Information
NSID
Package Type
Package ID
LM2507GR
49L MicroArray, 4.0 X 4.0 X 1.0 mm, 0.5 mm pitch
GRA49A
LM2507SQ
40L LLP, 5.0 X 5.0 X 0.8 mm, 0.4 mm pitch
SQF40A
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com