Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2507 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2507
Description  Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2507 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2507 Datasheet HTML 5Page - National Semiconductor (TI) LM2507 Datasheet HTML 6Page - National Semiconductor (TI) LM2507 Datasheet HTML 7Page - National Semiconductor (TI) LM2507 Datasheet HTML 8Page - National Semiconductor (TI) LM2507 Datasheet HTML 9Page - National Semiconductor (TI) LM2507 Datasheet HTML 10Page - National Semiconductor (TI) LM2507 Datasheet HTML 11Page - National Semiconductor (TI) LM2507 Datasheet HTML 12Page - National Semiconductor (TI) LM2507 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Functional Description (Continued)
READ TRANSACTION
The READ transaction is fixed in length. It consists of four
sections.
In the first section the Master sends a READ Command to
the slave. This command is sent in a single MC cycle (2
edges) and uses a similar format to the 1st cycle of the
WRITE transaction. The MD0 line carries the Start bit (Low)
and the A/D (Address/Data) bit. The MD1 line carries the
R/W* bit (High for reads) and the CS1/2 bit.
The Slave has an optional feature selected by the IDR pin. If
IDR is pulled high, as soon as the READ Command is
detected by the Slave, it issues two reads to the peripheral
device. If IDR is pulled low, the Slave only issues one read.
This feature allows a common behavior from the host side
regardless of whether the MPL link is used. Since the Master
mode device requires a dummy READ (which returns all
zeros) to initiate the remote side read, and then another
READ after the INTR signal is received, the remote side can
be programmed to behave in exactly the same way. Com-
mon driver software can be created that would be transpar-
ent to the use of the MPL link.
In the second section (TA’) the MD lines are turned around,
such that the Master becomes the receiver and Slave be-
comes the transmitter. The Slave must drive the MD lines
High by the 14th clock edge. It may then idle the line at the
Logic High state or drive the line Low (Start bit) to indicate
that read data transmission is starting. This ensures that the
MD lines are a stable High state and that the High-to-Low
transition of the "Start" bit is seen by the Master.
Figure 9 illustrates a READ_Command and TA’ with IDR
(Insert Dummy Read) = L. If the IDR = H, then the Bus
undetermined state is longer (10 additional MC cycles) to
allow for the dummy read cycle on the Slave output to occur.
The third section is consists of the transfer of the read data
from the Slave to the Master. Note that the READ_Data
operates on single-edge clocking (Rising Edge ONLY).
Therefore the back channel data signaling rate is 1⁄2 of the
forward channel (Master-to-Slave direction). When the Slave
is ready to transmit data back to the Master it drives the MD
lines Low to indicate start of read data, followed by 8 MC
cycles of the actual read data payload.
The fourth and final section (TA") occurs after the read data
has been transferred from the Slave to the Master. In the
fourth section the MD lines are again turned around, such
that the Master becomes the transmitter and the Slave be-
comes the receiver. The Slave drives the MD lines High for 1
bit and then turns off. The MD lines are off momentarily to
avoid driver contention. The Master then drives the MD line
High for 1 bit time and then idles the bus until the next
transaction is sent.
The Master watches the MD line for the READ Start Bit.
When this transition (High to Low) is detected it then selects
the proper strobe to clock in the data with maximum margin.
20186007
FIGURE 8. 16-bit CPU WRITE Transaction
20186008
FIGURE 9. READ_Command and TA’
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com