Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2507 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2507
Description  Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2507 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM2507 Datasheet HTML 13Page - National Semiconductor (TI) LM2507 Datasheet HTML 14Page - National Semiconductor (TI) LM2507 Datasheet HTML 15Page - National Semiconductor (TI) LM2507 Datasheet HTML 16Page - National Semiconductor (TI) LM2507 Datasheet HTML 17Page - National Semiconductor (TI) LM2507 Datasheet HTML 18Page - National Semiconductor (TI) LM2507 Datasheet HTML 19Page - National Semiconductor (TI) LM2507 Datasheet HTML 20Page - National Semiconductor (TI) LM2507 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Application Information (Continued)
Power and Ground - Bumped Package
Power and ground bump assignments are shown in Figure
17. The nine center balls must be connected ground on the
PCB. See also, National’s Application Note AN-1126, Ball
Grid Array, for information on land pattern recommendations
and escape routing guidelines.
FLEX CIRCUIT RECOMMENDATIONS
The three MPL lines should generally run together to mini-
mize any trace length differences (skew). For impedance
control and also noise isolation (crosstalk), guard ground
traces are recommended in between the signals. Commonly
a Ground-Signal-Ground (GSGSGSG) layout is used. Lo-
cate fast edge rate and large swing signals further away to
also minimize any coupling (unwanted crosstalk). In a
stacked flex interconnect, crosstalk also needs to be taken
into account in the above and below layers (vertical direc-
tion). To minimize any coupling locate MPL traces next to a
ground layer. Power rails also tend to generate less noise
than LVCMOS so they are also good candidates for use as
isolation and separation.
The interconnect from the Master to the Slave typically acts
like a transmission line. Thus impedance control and ground
returns are an important part of system design. Impedance
should be in the 50 to 100 Ohm nominal range for the
LM2507. Testing has been done with cables ranging from 40
to 110 Ohms without error (BER Testing). To obtain the
impedance, adjacent grounds are typically required ( 1 layer
flex), or a ground shield / layer. Total interconnect length is
intended to be in the 20cm range, however 30cm is possible
at lower data rates. Skew should be less than 500ps to
maximize timing margins.
GROUNDING
While the LM2507 employs three separate types of ground
pins, these are intended to be connected together to a
common ground plane. The separate ground pins help to
isolate switching currents from different sections of the inte-
grated circuit (IC). Also required is a nearby signal return
(ground) for the MPL signals. These should be provided next
to the MPL signals, as that will create the smallest current
loop area. The grounds are also useful for noise isolation
and impedance control.
PCB RECOMMENDATIONS
General guidelines for the PCB design:
•
Floor plan, locate MPL Master near the connector to limit
chance of cross talk to high speed serial signals.
•
Route serial traces together, minimize the number of
layer changes to reduce loading.
•
Use ground lines are guards to minimize any noise cou-
pling (guarantees distance).
•
Avoid parallel runs with fast edge, large LVCMOS swings.
•
Also use a GSGSG pinout in connectors (Board to Board
or ZIF).
•
Slave device - follow similar guidelines.
•
Bypass the device with MLC surface mount devices and
thinly separated power and ground planes with low induc-
tance feeds.
•
High current returns should have a separate path with a
width proportional to the amount of current carried to
minimize any resulting IR effects.
20186021
FIGURE 17. LM2507 PWR (V
DD) and GND (VSS) Bumps (TOP VIEW)
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com