Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16DP05 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP16DP05
Description  Low voltage 16-bit constant current LED sink driver with outputs error detection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DP05 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP16DP05 Datasheet HTML 2Page - STMicroelectronics STP16DP05 Datasheet HTML 3Page - STMicroelectronics STP16DP05 Datasheet HTML 4Page - STMicroelectronics STP16DP05 Datasheet HTML 5Page - STMicroelectronics STP16DP05 Datasheet HTML 6Page - STMicroelectronics STP16DP05 Datasheet HTML 7Page - STMicroelectronics STP16DP05 Datasheet HTML 8Page - STMicroelectronics STP16DP05 Datasheet HTML 9Page - STMicroelectronics STP16DP05 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Electrical characteristics
STP16DP05
6/29
3
Electrical characteristics
Table 7.
Electrical characteristics
(VDD = 3.3 V to 5 V, T = 25 °C, unless otherwise specified.)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIH
Input voltage high level
0.7VDD
VDD
V
VIL
Input voltage low level
GND
0.3VDD
V
IOH
Output leakage current
VOH = 20 V
10
µA
VOL
Output voltage
(Serial-OUT)
IOL = 1 mA
0.4
V
VOH
Output voltage
(Serial-OUT)
IOH = -1 mA
VOH -VDD = -0.4 V
V
IOL1
Output current
VO = 0.3 V, Rext = 3.9 kΩ
4.25
5
5.75
mA
IOL2
VO = 0.3 V, Rext = 970 Ω
19
20
21
IOL3
VO = 1.3 V, Rext = 190 Ω
96
100
104
∆I
OL1
Output current error
between bit
(All Output ON)
VO = 0.3 VREXT = 3.9 kΩ
± 5
± 8
%
∆I
OL2
VO = 0.3 VREXT = 970 Ω
± 1.5
± 3
∆I
OL3
VO = 1.3 VREXT =190 Ω
± 1.2
± 3
RSIN(up)
Pull-up resistor
150
300
600
K
RSIN(down) Pull-down resistor
100
200
400
K
IDD(OFF1)
Supply current (OFF)
REXT = 970
OUT 0 to 15 = OFF
45
mA
IDD(OFF2)
REXT = 240
OUT 0 to 15 = OFF
11.2
13.5
IDD(ON1)
Supply current (ON)
REXT = 970
OUT 0 to 15 = ON
4.5
5
IDD(ON2)
REXT = 240
OUT 0 to 15 = ON
11.7
13.5
Thermal
Thermal protection (1)
170
°C
1.
Guaranteed by desing (not tested)
The thermal protection switches OFF only the outputs current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com