Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16DP05 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP16DP05
Description  Low voltage 16-bit constant current LED sink driver with outputs error detection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DP05 Datasheet(HTML) 3 Page - STMicroelectronics

  STP16DP05 Datasheet HTML 1Page - STMicroelectronics STP16DP05 Datasheet HTML 2Page - STMicroelectronics STP16DP05 Datasheet HTML 3Page - STMicroelectronics STP16DP05 Datasheet HTML 4Page - STMicroelectronics STP16DP05 Datasheet HTML 5Page - STMicroelectronics STP16DP05 Datasheet HTML 6Page - STMicroelectronics STP16DP05 Datasheet HTML 7Page - STMicroelectronics STP16DP05 Datasheet HTML 8Page - STMicroelectronics STP16DP05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
STP16DP05
Summary description
3/29
1
Summary description
1.1
Pin connection and description
Figure 1.
Pin connection
Note:
The exposed pad is electrically not connected
Table 2.
Typical current accuracy
Output voltage
Current accuracy
Output current
VDD
Temperature
Between bits
Between ICs
≥ 1.3 V
±1.5 %
±5 %
20 to 100 mA
3.3 V to 5 V
25 °C
Table 3.
Pin description
Pin N°
Symbol
Name and function
1
GND
Ground terminal
2
SDI
Serial data input terminal
3
CLK
Clock input terminal
4
LE-DM1
Latch input terminal - Detect mode 1 (see operation principle)
5-20
OUT 0-15
Output terminal
21
OE-DM2
Input terminal of output enable (active low) - Detect mode 1
(see operation principle)
22
SDO
Serial data out terminal
23
R-EXT
Input terminal of an external resistor for constant current programing
24
VDD
Supply voltage terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com