Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16DP05 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STP16DP05
Description  Low voltage 16-bit constant current LED sink driver with outputs error detection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DP05 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STP16DP05 Datasheet HTML 15Page - STMicroelectronics STP16DP05 Datasheet HTML 16Page - STMicroelectronics STP16DP05 Datasheet HTML 17Page - STMicroelectronics STP16DP05 Datasheet HTML 18Page - STMicroelectronics STP16DP05 Datasheet HTML 19Page - STMicroelectronics STP16DP05 Datasheet HTML 20Page - STMicroelectronics STP16DP05 Datasheet HTML 21Page - STMicroelectronics STP16DP05 Datasheet HTML 22Page - STMicroelectronics STP16DP05 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
STP16DP05
Detection mode functionality
19/29
7.3
Phase three: “resuming to normal mode”
The sequence for re-entering in normal mode is showed in the following Table and diagram:
Note:
For proper device operation the "Entering in detection" sequence must be follow by a
"Resume Mode" sequence, it is not possible to insert consecutive equal sequence.
7.4
Error detection conditions
Note:
Where: IO = the output current programmed by the REXT , IODEC = the detected output
current in detection mode
Figure 19. Detection circuit
Figure 18. Resuming to normal mode timing diagram
CLK
1°2°3°4°
OE/DM2
H
L
HHH
LE/DM1
LLLL
L
Table 13.
Detection conditions (VDD = 3.3 to 5 V temperature range -40 to 125 °C)
SW-1 or
SW-3b
Open line or output
short to GND detected
==> IODEC ≤ 0.5 x IO
No error detected
==> IODEC ≥ 0.5 x IO
SW-2 or
SW-3a
Short on LED or short
to V-LED detected
==> VO ≥ 2.4 V
No error detected
==> VO ≤ 2.2 V
16
STP16DP05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com