Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20872B Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20872B
Description  Micro-Power CMOS Input RRIO 1.8 V Open-Drain Output Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20872B Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO20872B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DIO20872B
Version 1.2, Oct 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
7
Figure 9 is the equivalent resistor networks when the output is high and low. Note that RPU should be in
series with R3 when the output is high. RPU should be at least 10 times less than R3.
Figure 9. Inverting configuration resistor equivalent networks
When VIN is less than VA, the output voltage is high (for simplicity, assume VO switches as high as VCC). The
three network resistors can be represented as R1 || R3 in series with R2, as shown in Figure 9.
Equation (1) below defines the high-to-low trip voltage (VA1).
������1=���������× ���2���1||���3+���2
(1)
When VIN is greater than VA, the output voltage is low. In this case, the three network resistors can be
presented as R2 || R3 in series with R1, as shown in Equation (2).
Use Equation (2) to define the low to high trip voltage (VA2).
������2=���������× ���2||���3
���1+ ���2||���3
(2)
Equation (3) defines the total hysteresis provided by the network.
∆������=������1−������2
(3)
7.1.2. Non-inverting comparator with hysteresis
A non-inverting comparator with hysteresis requires a two-resistor network and a voltage reference (VREF)
at the inverting input, as shown in Figure 10.
Figure 10. Non-inverting configuration with hysteresis
Figure 11 shows the equivalent resistor networks when the output is high and low. Note that RPU should be
in series with R2 when the output is high. RPU should be at least 10 times less than R2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com