Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20872B Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20872B
Description  Micro-Power CMOS Input RRIO 1.8 V Open-Drain Output Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20872B Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO20872B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO20872B Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DIO20872B
Version 1.2, Oct 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
4
tRise
Rise time
Overdrive = 10 mV, CL = 1 pF, RPULL = 10 kΩ
440
ns
Overdrive = 100 mV, CL = 1 pF, RPULL = 10 kΩ
440
tFall
Fall time
Overdrive = 10 mV, CL = 1 pF, RPULL = 10 kΩ
60
ns
Overdrive = 100 mV, CL = 1 pF, RPULL = 10 kΩ
40
5.3. V+ = 5.0 V
The values are obtained under these conditions unless otherwise specified: TA = 25°C, V+ = 5.0 V, V- = 0 V,
VCM = V+/2.
Symbol
Parameter
Conditions
Min Typ Max Unit
IS
Supply current
-40°C ≤ TA ≤ 85°C, VCM = 0.3 V
5.84
μA
-40°C ≤ TA ≤ 85°C , VCM = 4.7 V
6.2
VOH
Output swing high
RPULL = 5 kΩ
5.0
V
RPULL = 10 kΩ
5.0
VOL
Output swing low
RPULL = 5 kΩ
60
mV
RPULL = 10 kΩ
30
IOUT
Output current
Sink
25
mA
Propagation delay
(high to low)
Overdrive = 10 mV
2.6
µs
Overdrive = 100 mV
0.9
Propagation delay
(low to high)
Overdrive = 10 mV
3
µs
Overdrive = 100 mV
1
tRise
Rise time
Overdrive = 10 mV, CL = 1 pF, RPULL = 10 kΩ
440
ns
Overdrive = 100 mV, CL = 1 pF, RPULL = 10 kΩ
440
tFall
Fall time
Overdrive = 10 mV, CL = 1 pF, RPULL = 10 kΩ
100
ns
Overdrive = 100 mV, CL = 1 pF, RPULL = 10 kΩ
30
Note:
(1) Rise time dependent on RPULL and CL.
(2) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com