Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20872B Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO20872B Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO20872B
Download  DIO20872B Download
File Size   2103.85 Kbytes
Page   14 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Micro-Power CMOS Input RRIO 1.8 V Open-Drain Output Comparator

DIO20872B Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO20872B Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO20872B
Download  DIO20872B Click to download

File Size   2103.85 Kbytes
Page   14 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Micro-Power CMOS Input RRIO 1.8 V Open-Drain Output Comparator

DIO20872B Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO20872B Product details

 Features
 Ultra-low power consumption:
5 μA (typ) at V+ = 1.4 V
 Wide supply voltage range: 1.4 V to 5.5 V
 Propagation delay: 0.9 μs (typ) at V+ = 1.4 V
 Open-drain output sink current drive:
25 mA (typ) at V+ = 5 V
 Rail-to-rail input
 -40°C to 85°C operating temperature range
 Applications
 RC timers
 Window detectors
 IR receiver
 Multivibrators
 Alarm and monitoring circuits
 Description
The DIO20872B is an ultra-low power comparator
with a typical power supply current of 5 μA. It has the
best-in-class power supply current versus
propagation delay performance. The propagation
delay is as low as 0.9 μs with a 100 mV overdrive at
1.4 V supply.
Designed to operate over a wide range of supply
voltages, from 1.4 V to 5.5 V, with guaranteed
operation at 1.4 V, 2.5 V and 5.0 V, the DIO20872B is
ideal for the use in a variety of battery-powered
applications. With a rail-to-rail common-mode voltage
range, the DIO20872B is well suited for single-supply
operation.
Featuring an open-drain output stage, the
DIO20872B allows for operation with absolute
minimum power consumption when driving any
capacitive or resistive load.
The DIO20872B is available in the Green
DFN1.6×1.2-8 and TSOT23-8 packages. The
DIO20872B is ideal for the use in handheld
electronics and mobile phone applications. It is rated
over the -40°C to 85°C temperature range.




Similar Part No. - DIO20872B

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO20872DH8 DIOO-DIO20872DH8 Datasheet
1Mb / 14P
Push-Pull Output Comparator
Rev 1.1
DIO20872MP8 DIOO-DIO20872MP8 Datasheet
1Mb / 14P
Push-Pull Output Comparator
Rev 1.1
DIO20872SO8 DIOO-DIO20872SO8 Datasheet
1Mb / 14P
Push-Pull Output Comparator
Rev 1.1
More results


Similar Description - DIO20872B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631S01 RENESAS-HA1631S01 Datasheet
272Kb / 23P
Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01 Datasheet
627Kb / 27P
Dual CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01 RENESAS-HA1631S01_06 Datasheet
444Kb / 23P
Single CMOS Comparator (Push Pull/Open Drain Output)
logo
Microchip Technology
MCP6566 MICROCHIP-MCP6566 Datasheet
778Kb / 44P
1.8V Low Power Open-Drain Output Comparator
2009
logo
SG Micro Corp
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
Open Drain Output Comparator
logo
Renesas Technology Corp
HA1631S01020304 RENESAS-HA1631S01020304_15 Datasheet
509Kb / 24P
Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01_15 Datasheet
644Kb / 29P
Dual CMOS Comparator (Push Pull/Open Drain Output)
logo
Texas Instruments
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
logo
Unisonic Technologies
ULC831 UTC-ULC831 Datasheet
140Kb / 7P
MICRO-POWER, CMOS INPUT, RRIO, 1.4V, PUSH-PULL OOUTPUT COMPARATOR
logo
AiT Semiconductor Inc.
AO331 AITSEMI-AO331 Datasheet
1Mb / 11P
OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com