Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8016 Datasheet(PDF) 21 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO8016
Description  4-Channel LDO PMIC for Camera Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO8016 Datasheet(HTML) 21 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO8016 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DIO8016
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
17
REGISTER DETAILS – 0x04 DVDD2
Default = 01100100
Bits
Name Default
Type
Description
7:0
DVDD2
_VOUT
0110
0100
R/W
Define the output voltage level of DVDD2.
Equation: VOUTX = 0.6 V + DVDD2_VOUT [7:0] × 0.006 V
Hex
VOUT (V)
Hex
VOUT
Hex
VOUT (V)
Hex
VOUT
00H
0.6000
48H
1.032
56H
1.116
64H
1.20
******
49H
1.038
57H
1.122
65H
1.206
3CH
0.96
4AH
1.044
58H
1.128
66H
1.212
3DH
0.966
4BH
1.05
59H
1.134
67H
1.218
3EH
0.972
4CH
1.056
5AH
1.14
68H
1.224
3FH
0.978
4DH
1.062
5BH
1.146
69H
1.23
40H
0.984
4EH
1.068
5CH
1.152
6AH
1.236
41H
0.99
4FH
1.074
5DH
1.158
6BH
1.242
42H
0.996
50H
1.08
5EH
1.164
6CH
1.248
43H
1.002
51H
1.086
5FH
1.17
6DH
1.254
44H
1.008
52H
1.092
60H
1.176
6EH
1.26
45H
1.014
53H
1.098
61H
1.182
******
46H
1.02
54H
1.104
62H
1.188
47H
1.026
55H
1.11
63H
1.194
REGISTER DETAILS – 0x05 AVDD1
Default = 10000000
REGISTER DETAILS – 0x06 AVDD2
Default = 10000000
Bits
Name Default
Type
Description
7:0
AVDD2
_VOUT
1000
0000
R/W
Define the output voltage level of AVDD2.
Equation: VOUTX = 1.2 V + AVDD2_VOUT [7:0] × 0.0125 V
Hex
VOUT (V)
Hex
VOUT
Hex
VOUT
Hex
VOUT
00H
1.2000
06H
1.2750
80H
2.8000
86H
2.8750
01H
1.2125
07H
1.2875
81H
2.8125
87H
2.8875
Bits
Name Default
Type
Description
7:0
AVDD1
_VOUT
1000
0000
R/W
Define the output voltage level of AVDD1.
Equation: VOUTX = 1.2 V + AVDD1_VOUT [7:0] × 0.0125 V
Hex
VOUT (V)
Hex
VOUT
Hex
VOUT
Hex
VOUT
00H
1.2000
06H 1.2750
80H
2.8000
86H
2.8750
01H
1.2125
07H 1.2875
81H
2.8125
87H
2.8875
02H
1.2250
08H 1.3000
82H
2.8250
88H
2.9000
03H
1.2375
09H 1.3125
83H
2.8375
89H
2.9125
04H
1.2500
0AH 1.3250
84H
2.8500
8AH
2.9250
05H
1.2625
0BH 1.3375
85H
2.8625
8BH
2.9375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com