Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8016 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO8016
Description  4-Channel LDO PMIC for Camera Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO8016 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO8016 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DIO8016
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
2
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Rating
Unit
VIN1
LDO1 and LDO2 input voltage
-0.5 ~ 3.0
V
VIN2
LDO3 and LDO4 input voltage
-0.5 ~ 6
V
VEN
EN pin input voltage range
-0.5 ~ VIN2
V
VOUT
Output voltage
-0.5 to VIN + 0.3
V
TL
Maximum lead temperature (soldering 10 s)
260
°C
TSTG
Storage temperature
-65 ~ 150
°C
TJ
Operating junction temperature range
-40 ~ 150
°C
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Rating
Unit
VIN1
VIN1 operating supply voltage range
0.6 ~ 2.0
V
VIN2
VIN2 operating supply voltage range
2.5 ~ 5.5
V
DVDD output max capacitance
100
μF
AVDD output max capacitance
47
μF
TA
Operating temperature range
-40 ~ 85
°C
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the
electrostatic charge might be drained through sensitive circuitry in the device. If the electrostatic discharge
possesses sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Value
Unit
HBM
ANSI/ESDA/JEDEC JS-001, all pins to GND
±2
kV
CDM
ANSI/ESDA/JEDEC JS-002
±2
kV
Latch-up
JESD78F.02
±400
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com