Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8016 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO8016
Description  4-Channel LDO PMIC for Camera Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO8016 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO8016 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO8016 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DIO8016
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
1
1. Pin Assignment and Functions
DFN2*2-10 (Top view)
Pin No.
Name
Type
Description
1
DVDD1
I/O
LDO1 output
2
SCL
I/O
I2C clock
3
SDA
I/O
I2C data line
4
EN
I/O
The EN pin is used to enable basic circuits that are necessary for
controlling the PMIC. The pin has an internal 1 MΩ pull-down resistor to
ground. Active high. When EN = L, all function not available except I2C.
5
AVDD1
I/O
LDO3 output
6
VIN2
POWER
Power for digital and logic control part of the whole chip, power supply for
AVDD1 / AVDD2.
7
AVDD2
I/O
LDO4 output
8
SGND
Ground
Ground
9
DVDD2
I/O
LDO2 output
10
VIN1
POWER
Power input for DVDD1 / DVDD2
EP
The EP pad must be connected to the same potential as the SGND
terminal on the printed circuit board. Do not use the thermal pad as the
primary ground input for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com