Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60010ASH3 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60010ASH3
Description  5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60010ASH3 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60010ASH3 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
DIO60010/A
Version 1.4, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
8
9. Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality. The
application information is not part of the specification and is for reference purposes only.
Figure 16. Typical application
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Typical application
R1
R2
C1
VOUT
5 kΩ
10 kΩ
33 pF
0.9 V
6.6 kΩ
10 kΩ
33 pF
1.0 V
8.3 kΩ
10 kΩ
33 pF
1.1 V
10 kΩ
10 kΩ
33 pF
1.2 V
20 kΩ
10 kΩ
33 pF
1.8 V
31.6 kΩ
10 kΩ
33 pF
2.5 V
45 kΩ
10 kΩ
33 pF
3.3 V
The DIO60010/A is available in two versions, forced pulse width modulation (FPWM) and Auto Mode.The
DIO60010/A is a synchronous buck regulator IC that integrates the adaptive constant-on-time (COT) control,
and top and bottom switches on the same die to minimize the switching transition loss and conduction loss. With
ultra-low RDS(ON) power switches and proprietary COT control, this regulator IC can achieve the highest efficiency
and the highest switch frequency simultaneously to minimize the external inductor and capacitor size, thus
achieving the minimum solution footprint. Under PWM mode, the converter operates with a typical 1.65 MHz
switching frequency to minimize the size of the inductor and capacitor. As the load current decreases, the
converter enters PSM (Power Save Mode), reducing the switching frequency to keep high efficiency over the
entire load current range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com