Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60010ASH3 Datasheet(PDF) 16 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60010ASH3
Description  5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60010ASH3 Datasheet(HTML) 16 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60010ASH3 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
DIO60010/A
Version 1.4, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
12
10.Layout Design
The layout design of the DIO60010/A regulator is relatively simple. For the best efficiency and minimum noise
problems, place four components close to the IC: CIN, L, R1, and R2.
(1) Maximize the PCB copper area connected to the GND pin to achieve the best thermal and noise
performance. If the board space allows, a ground plane is highly desirable.
(2) Place CIN close to pins IN and GND. Minimize the loop area formed by CIN and GND.
(3) Minimize the PCB copper area associated with SW pin to avoid the potential noise problem.
(4) Avoid placing the components R1 and R2 and the trace connected to the FB pin adjacent to the SW net on
the PCB layout to prevent the noise problem.
(5) If the system chip interfaced with the EN pin has a high impedance state at shutdown mode and the IN pin
is connected directly to a power source such as a Li-Ion battery, it is desirable to add a pull-down 1 MΩ resistor
between the EN and GND pins to prevent the noise from falsely turning on the regulator at shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com