Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60010ASH3 Datasheet(PDF) 14 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60010ASH3
Description  5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60010ASH3 Datasheet(HTML) 14 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60010ASH3 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO60010ASH3 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
DIO60010/A
Version 1.4, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
10
9.6. Feedback resistor dividers R1 and R2
Choose R1 and R2 to program the proper output voltage. To minimize the power consumption under light loads,
choose large resistance values for both R1 and R2. For example, it is recommended that the resistance value of
R1 is 20 kΩ, then R2 can be calculated from Equation (1).
1
OUT
2
R
0.6V
-
V
0.6V
R
(1)
Figure 17. Feedback resistor dividers R1 and R2
9.7. Input capacitor CIN
With the maximum load current at 1 A, the maximum ripple current through the input capacitor is about 0.5 A. A
typical X7R or better grade ceramic capacitor with 10 V rating and greater than 10 µF capacitance can handle
this ripple current well. To minimize the potential noise problem, place this ceramic capacitor really close to the
IN and GND pins. Carefully minimize the loop area formed by CIN, and IN/GND pins.
9.8. Output capacitor COUT
The output capacitor is selected to handle the output ripple noise requirements. Both steady-state ripple and
transient requirements must be taken into consideration when selecting this capacitor. For the best performance,
use X5R or a better grade ceramic capacitor with 6 V rating and greater than 10 µF capacitance.
9.9. Output inductor L
There are several considerations in choosing this inductor.
(1) Choose the inductance to provide the desired ripple current. Choose the ripple current to be approximately
40% of the maximum output current. The inductance is calculated from Equation (2).
40%
×
I
×
f
)
/V
V
-
(1
×
V
=
L
MAX
OUT,
SW
MAX
IN,
OUT
OUT
(2)
where fSW is the switching frequency and IOUT,MAX is the maximum load current. The DIO60010/A regulator IC is
quite tolerant of different ripple current amplitudes. Consequently, the final choice of inductance can be slightly
off the calculation value without significantly impacting the performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com