Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60010AST5 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60010AST5
Description  5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60010AST5 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60010AST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DIO60010/A
Version 1.4, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
9
Under Auto Mode, the DIO60010 enters PWM mode for medium to heavy load conditions or enters PSM (Power
Save Mode) for a light load. Under FPWM mode, the converter maintains a continuous conduction mode
operation and keeps the output voltage ripple very low across the whole load range.
Because of the high integration in the DIO60010/A IC, the application circuit based on this regulator IC is rather
simple. Only the input capacitor, CIN, output capacitor, COUT, output inductor, L, feedback capacitor, C1, and
feedback resistors (R1 and R2) need to be selected for the targeted application specifications.
9.1. Enable
When disabled, the device shutdown supply current is only 0.1 μA. When applying a voltage greater than the EN
logic high threshold, the DIO60010/A enables all functions and the device initiates the soft-start phase. The
DIO60010/A has a built-in 0.5 ms soft-start time to prevent output voltage overshoot and inrush current. When
the EN voltage falls below its logic low threshold, the device operation is disabled and the 500 Ω active
discharge is enabled to discharge the output voltage to ground.
9.2. Power-good (PG) indicator
The DIO60010/A has a built-in power good (PG) function. The PG pin is an open-drain output and connected to
an external pull-up resistor; it is also controlled by a comparator which the feedback signal FB is fed to. If FB is
above 95% of the internal reference voltage, the PG pin will be in high impedance and VPG will be held high.
Otherwise, when the device is disabled in UVLO or in thermal shutdown, PG is low.
9.3. Undervoltage lockout
Undervoltage lockout protects the IC from insufficient input voltages. The DIO60010/A is disabled if the input
voltage falls below 2.15 V(typ). In this UVLO event, both the high-side and low-side power MOSFETs turn off.
9.4. Thermal shutdown
If the junction temperature of the device reaches the thermal shutdown limit of 150°C, the DIO60010/A
shuts down both high-side and low-side power MOSFETs. When the junction temperature reduces to the
required level (130°C typ), the device initiates a normal power-up cycle with soft-start.
9.5. Switch current limit and short-circuit protection
The protection function prevents the device from drawing excessive current in case of externally-caused
overcurrent or short-circuit conditions. If the current limit threshold is reached, the device delivers its maximum
output current. Detecting this condition for 32 switching cycles, the device turns off the high-side MOSFET for
about 500 μs and then restarts again with a soft-start cycle. As long as the overload condition is present, the
device hiccups that way, limiting the output power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com