Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60010AST5 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60010AST5
Description  5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60010AST5 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO60010AST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO60010AST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DIO60010/A
Version 1.4, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
IV
List of Figures
Figure 1. SOT563 (Top view) ..................................................................................................................................1
Figure 2. SOT23-6 (Top view) .................................................................................................................................1
Figure 3. SOT23-5 (Top view) .................................................................................................................................1
Figure 4. DFN2×2-6 (Top view)...............................................................................................................................1
Figure 5. VIN start.................................................................................................................................................... 5
Figure 6. VIN drop ....................................................................................................................................................5
Figure 7. VEN start................................................................................................................................................... 5
Figure 8. VEN drop ................................................................................................................................................... 5
Figure 9. Load transient .......................................................................................................................................... 5
Figure 10. Load transient........................................................................................................................................5
Figure 11. Ripple .....................................................................................................................................................6
Figure 12. Ripple .....................................................................................................................................................6
Figure 13. Short circuit protection ...........................................................................................................................6
Figure 14. Short circuit recovery .............................................................................................................................6
Figure 15. Efficiency vs. Load current.................................................................................................................... 6
Figure 16. Typical application ................................................................................................................................. 8
Figure 17. Feedback resistor dividers R1 and R2 ................................................................................................ 10
List of Tables
Table 1. Typical application...................................................................................................................................................8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com