Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57002-E Datasheet(PDF) 12 Page - STMicroelectronics

Part # PD57002-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002-E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PD57002-E Datasheet HTML 8Page - STMicroelectronics PD57002-E Datasheet HTML 9Page - STMicroelectronics PD57002-E Datasheet HTML 10Page - STMicroelectronics PD57002-E Datasheet HTML 11Page - STMicroelectronics PD57002-E Datasheet HTML 12Page - STMicroelectronics PD57002-E Datasheet HTML 13Page - STMicroelectronics PD57002-E Datasheet HTML 14Page - STMicroelectronics PD57002-E Datasheet HTML 15Page - STMicroelectronics PD57002-E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Common source s-parameter
PD57002-E, PD57002S-E
12/23
5.3
PD57002 (VDS = 13.5V IDS = 75mA)
Table 8.
S-parameter
FREQ
IS11IIS21IIS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.969
-17
10.14
166
0.009
74
0.973
-14
100
0.959
-33
9.72
152
0.017
63
0.954
-27
150
0.949
-48
9.06
139
0.243
50
0.944
-40
200
0.925
-61
8.31
127
0.030
39
0.910
-51
250
0.915
-73
7.57
117
0.033
28
0.901
-61
300
0.906
-83
6.82
108
0.035
20
0.875
-70
350
0.890
-92
6.23
99
0.038
13
0.862
-77
400
0.892
-100
5.65
91
0.039
5
0.866
-85
450
0.888
-106
5.19
84
0.038
-2
0.858
-90
500
0.881
-113
4.72
77
0.039
-6
0.870
-96
550
0.888
-119
4.30
71
0.039
-13
0.873
-102
600
0.882
-123
3.95
65
0.038
-18
0.872
-106
650
0.888
-128
3.62
60
0.038
-24
0.880
-111
700
0.893
-132
3.36
55
0.036
-28
0.890
-116
750
0.890
-135
3.12
51
0.036
-32
0.895
-119
800
0.895
-139
2.92
46
0.034
-36
0.904
-122
850
0.895
-142
2.73
42
0.033
-41
0.911
-126
900
0.893
-145
2.56
37
0.032
-44
0.914
-129
950
0.898
-148
2.40
34
0.030
-47
0.911
-132
1000
0.892
-150
2.25
30
0.030
-50
0.918
-134
1050
0.895
-153
2.13
26
0.029
-54
0.921
-137
1100
0.896
-155
2.20
23
0.028
-58
0.922
-140
1150
0.894
-158
1.92
19
0.027
-60
0.926
-142
1200
0.900
-160
1.83
16
0.026
-64
0.924
-144
1250
0.890
-162
1.74
12
0.025
-67
0.923
-147
1300
0.895
-164
1.67
9
0.024
-72
0.922
-149
1350
0.898
-166
1.58
6
0.023
-73
0.919
-150
1400
0.893
-169
1.51
3
0.023
-79
0.920
-152
1450
0.895
-170
1.43
0
0.021
-86
0.916
-153
1500
0.885
-172
1.35
-1
0.020
-95
0.912
-154
S11
∠Φ
S21
∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com