Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57002-E Datasheet(PDF) 16 Page - STMicroelectronics

Part # PD57002-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002-E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PD57002-E Datasheet HTML 12Page - STMicroelectronics PD57002-E Datasheet HTML 13Page - STMicroelectronics PD57002-E Datasheet HTML 14Page - STMicroelectronics PD57002-E Datasheet HTML 15Page - STMicroelectronics PD57002-E Datasheet HTML 16Page - STMicroelectronics PD57002-E Datasheet HTML 17Page - STMicroelectronics PD57002-E Datasheet HTML 18Page - STMicroelectronics PD57002-E Datasheet HTML 19Page - STMicroelectronics PD57002-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Common source s-parameter
PD57002-E, PD57002S-E
16/23
5.7
PD57002S (VDS = 13.5V IDS = 75mA)
Table 12.
S-parameter
FREQ
IS11IIS21IIS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.996
-17
10.21
165
0.010
73
0.966
-14
100
0.982
-33
9.74
152
0.019
63
0.946
-28
150
0.962
-48
9.07
139
0.027
50
0.938
-41
200
0.946
-61
8.29
127
0.033
39
0.901
-53
250
0.931
-73
7.52
117
0.037
29
0.891
-63
300
0.919
-83
6.73
108
0.040
20
0.863
-72
350
0.911
-92
6.16
100
0.042
13
0.854
-78
400
0.906
-99
5.59
92
0.043
5
0.859
-86
450
0.903
-106
5.11
85
0.043
-1
0.851
-92
500
0.901
-112
4.65
78
0.044
-6
0.860
-97
550
0.900
-117
4.23
73
0.044
-12
0.865
-103
600
0.900
-122
3.89
67
0.044
-17
0.863
-107
650
0.902
-126
3.56
62
0.042
-22
0.879
-112
700
0.902
-130
3.30
57
0.041
-27
0.881
-117
750
0.910
-133
3.07
53
0.040
-30
0.881
-119
800
0.908
-136
2.86
49
0.040
-34
0.891
-123
850
0.910
-139
2.68
44
0.039
-38
0.894
-126
900
0.914
-142
2.51
40
0.038
-42
0.899
-128
950
0.914
-145
2.35
37
0.037
-45
0.902
-131
1000
0.917
-147
2.21
33
0.036
-49
0.907
-133
1050
0.919
-150
2.09
30
0.035
-51
0.918
-136
1100
0.921
-152
1.98
26
0.034
-53
0.914
-138
1150
0.921
-154
1.89
24
0.034
-58
0.928
-140
1200
0.920
-156
1.81
20
0.032
-61
0.927
-142
1250
0.920
-158
1.72
17
0.032
-64
0.930
-144
1300
0.919
-160
1.65
14
0.032
-68
0.928
-146
1350
0.917
-162
1.58
10
0.029
-71
0.921
-147
1400
0.913
-163
1.50
8
0.029
-73
0.923
-149
1450
0.909
-165
1.43
5
0.029
-77
0.921
-149
1500
0.905
-167
1.35
4
0.028
-84
0.913
-150
S11
∠Φ
S21
∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com