Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57002-E Datasheet(PDF) 15 Page - STMicroelectronics

Part # PD57002-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002-E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PD57002-E Datasheet HTML 11Page - STMicroelectronics PD57002-E Datasheet HTML 12Page - STMicroelectronics PD57002-E Datasheet HTML 13Page - STMicroelectronics PD57002-E Datasheet HTML 14Page - STMicroelectronics PD57002-E Datasheet HTML 15Page - STMicroelectronics PD57002-E Datasheet HTML 16Page - STMicroelectronics PD57002-E Datasheet HTML 17Page - STMicroelectronics PD57002-E Datasheet HTML 18Page - STMicroelectronics PD57002-E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
PD57002-E, PD57002S-E
Common source s-parameter
15/23
5.6
PD57002S (VDS = 28V IDS = 150mA)
Table 11.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.997
-17
10.84
166
0.007
77
0.924
-12
100
0.988
-32
10.39
153
0.012
62
0.909
-24
150
0.972
-47
9.73
140
0.017
51
0.904
-36
200
0.962
-60
8.98
129
0.021
42
0.880
-47
250
0.950
-72
8.21
118
0.024
31
0.874
-56
300
0.942
-82
7.43
110
0.026
22
0.856
-64
350
0.934
-91
6.82
101
0.027
15
0.852
-71
400
0.932
-99
6.22
93
0.028
8
0.857
-79
450
0.928
-106
5.70
86
0.028
3
0.853
-84
500
0.924
-112
5.20
79
0.028
-3
0.863
-90
550
0.923
-117
4.74
73
0.029
-9
0.871
-96
600
0.922
-122
4.37
98
0.028
-14
0.869
-100
650
0.922
-126
4.00
62
0.028
-19
0.885
-105
700
0.923
-130
3.71
57
0.027
-25
0.885
-109
750
0.927
-134
3.46
53
0.026
-27
0.888
-113
800
0.926
-137
3.22
48
0.025
-30
0.896
-116
850
0.926
-140
3.01
44
0.024
-35
0.905
-119
900
0.927
-143
2.82
40
0.023
-37
0.908
-122
950
0.927
-146
2.64
36
0.024
-41
0.908
-125
1000
0.928
-148
2.48
32
0.022
-43
0.915
-128
1050
0.927
-151
2.34
29
0.022
-48
0.923
-130
1100
0.928
-153
2.22
25
0.021
-50
0.923
-133
1150
0.927
-155
2.11
22
0.020
-54
0.932
-135
1200
0.925
-157
2.01
18
0.019
-57
0.936
-137
1250
0.926
-159
1.91
15
0.019
-60
0.936
-138
1300
0.921
-161
1.84
12
0.018
-64
0.940
-140
1350
0.919
-163
1.76
9
0.017
-67
0.936
-141
1400
0.915
-164
1.67
7
0.017
-69
0.935
-143
1450
0.912
-166
1.59
4
0.016
-77
0.933
-144
1500
0.907
-168
1.51
2
0.015
-89
0.927
-144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com