Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1115 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # AS1115
Description  64 LEDs, I ²C Inter faced LED Dr iver wi th Keyscan
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1115 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button AS1115 Datasheet HTML 3Page - ams-OSRAM AG AS1115 Datasheet HTML 4Page - ams-OSRAM AG AS1115 Datasheet HTML 5Page - ams-OSRAM AG AS1115 Datasheet HTML 6Page - ams-OSRAM AG AS1115 Datasheet HTML 7Page - ams-OSRAM AG AS1115 Datasheet HTML 8Page - ams-OSRAM AG AS1115 Datasheet HTML 9Page - ams-OSRAM AG AS1115 Datasheet HTML 10Page - ams-OSRAM AG AS1115 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1115
Revision 1.08
5 - 25
AS1115
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Note:
The Min / Max values of the Timing Characteristics are guaranteed by design.
Figure 3. Timing Diagram
Table 5. Timing Characteristics (CB = 550pF (max) on each Bus Line)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
SCL Frequency
1
MHz
tBUF
Bus Free Time Between STOP and START
Conditions
500
ns
tHOLDSTART
Hold Time for Repeated
START Condition
260
ns
tLOW
SCL Low Period
500
ns
tHIGH
SCL High Period
260
ns
tSETUPSTART
Setup Time for Repeated
START Condition
260
ns
tSETUPDATA Data Setup Time
50
ns
tRISE
SDA + SCL Rise Time
120
ns
tFALL
SDA + SCL Fall Time
120
ns
tSETUPSTOP STOP Condition Setup Time
260
ns
tSPIKESUP
Pulse Width of Spike Suppressed
50
ns
Key Readback
Debounce Time
20
ms
Repeated
START
SDI
SCL
START
STOP
tBUF
tLOW
tHOLDSTART
tHOLDDATA
tR
tHIGH
tF
tSETUPDATA
tHOLDSTART
tSPIKESUP
tSETUPSTOP
tSETUPSTART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com