Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1115 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS1115
Description  64 LEDs, I ²C Inter faced LED Dr iver wi th Keyscan
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1115 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS1115 Datasheet HTML 10Page - ams-OSRAM AG AS1115 Datasheet HTML 11Page - ams-OSRAM AG AS1115 Datasheet HTML 12Page - ams-OSRAM AG AS1115 Datasheet HTML 13Page - ams-OSRAM AG AS1115 Datasheet HTML 14Page - ams-OSRAM AG AS1115 Datasheet HTML 15Page - ams-OSRAM AG AS1115 Datasheet HTML 16Page - ams-OSRAM AG AS1115 Datasheet HTML 17Page - ams-OSRAM AG AS1115 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1115
Revision 1.08
12 - 25
AS1115
Datasheet - D e t a i l e d D e s c r i p t i o n
Initial Power-Up
On initial power-up, the AS1115 registers are reset to their default values, the display is blanked, and the device goes into shutdown mode. At
this time, all registers should be programmed for normal operation.
Note:
The default settings enable only scanning of one digit; the internal decoder is disabled and the Intensity Control Register (see page
17
) is set to the minimum values.
Shutdown Mode
The AS1115 devices feature a shutdown mode, where they consume only 200nA (typ) current. Shutdown mode is entered via a write to the Shut-
down Register (see Table 7). During shutdown mode the Digit-Registers maintain their data.
Shutdown mode can either be used as a means to reduce power consumption or for generating a flashing display (repeatedly entering and leav-
ing shutdown mode). For minimum supply current in shutdown mode, logic input should be at GND or VDD (CMOS logic level).
When entering or leaving shutdown mode, the Feature Register is reset to its default values (all 0s) when Shutdown Register bit D7 (page 13) =
0.
Note:
When Shutdown Register bit D7 = 1, the Feature Register is left unchanged when entering or leaving shutdown mode. If the AS1115
is used with an external clock, Shutdown Register bit D7 should be set to 1 when writing to the Shutdown Register.
Digit- and Control-Registers
The AS1115 devices contain 8 Digit-Registers,11 control-registers and 10 diagnostic-registers, which are listed in Table 6. All registers are
selected using a 8-bit address word, and communication is done via the I²C interface.
Digit Registers – These registers are realized with an on-chip 64-bit memory. Each digit can be controlled directly without rewriting the
whole register contents.
Control Registers – These registers consist of decode mode, display intensity, number of scanned digits, shutdown, display test and fea-
tures selection registers.
Table 6. Register Address Map
Register
Address
Page
D15:D13
D12
D11
D10
D9
D8
D7:D0
Digit 0
000
0
0
0
0
1
(see Table 9 on page 14,
Table 10 on page 14
and
Table 11 on page 15
)
N/A
Digit 1
000
0
0
0
1
0
N/A
Digit 2
000
0
0
0
1
1
N/A
Digit 3
000
0
0
1
0
0
N/A
Digit 4
000
0
0
1
0
1
N/A
Digit 5
000
0
0
1
1
0
N/A
Digit 6
000
0
0
1
1
1
N/A
Digit 7
000
0
1
0
0
0
N/A
Decode-Mode
000
0
1
0
0
1
(see Table 8 on page 13)
13
Global Intensity
000
0
1
0
1
0
(see Table 17 on page 17)
17
Scan Limit
000
0
1
0
1
1
(see Table 19 on page 17)
17
Shutdown
000
0
1
1
0
0
(see Table 7 on page 13)
12
Self Addressing
001
0
1
1
0
1
N/A
Feature
000
0
1
1
1
0
(see Table 20 on page 18)
18
Display Test Mode
000
0
1
1
1
1
(see Table 14 on page 16)
13
DIG0:DIG1 Intensity
000
1
0
0
0
0
(see Table 18 on page 17)
DIG2:DIG3 Intensity
000
1
0
0
0
1
(see Table 18 on page 17)
DIG4:DIG5 Intensity
000
1
0
0
1
0
(see Table 18 on page 17)
DIG6:DIG7 Intensity
000
1
0
0
1
1
(see Table 18 on page 17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com