Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1115 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # AS1115
Description  64 LEDs, I ²C Inter faced LED Dr iver wi th Keyscan
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1115 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button AS1115 Datasheet HTML 15Page - ams-OSRAM AG AS1115 Datasheet HTML 16Page - ams-OSRAM AG AS1115 Datasheet HTML 17Page - ams-OSRAM AG AS1115 Datasheet HTML 18Page - ams-OSRAM AG AS1115 Datasheet HTML 19Page - ams-OSRAM AG AS1115 Datasheet HTML 20Page - ams-OSRAM AG AS1115 Datasheet HTML 21Page - ams-OSRAM AG AS1115 Datasheet HTML 22Page - ams-OSRAM AG AS1115 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1115
Revision 1.08
17 - 25
AS1115
Datasheet - D e t a i l e d D e s c r i p t i o n
Display brightness is controlled by an integrated pulse-width modulator which is controlled by the lower-nibble of the Intensity Control Register.
The modulator scales the average segment-current in 16 steps from a maximum of 15/16 down to 1/16 of the peak current set by RSET.
Scan-Limit Register (0x0B)
The Scan-Limit Register controls which of the digits are to be displayed. When all 8 digits are to be displayed, the update frequency is typically
700Hz. If the number of digits displayed is reduced, the update frequency is increased. The frequency can be calculated using 10 x fOSC/(N+2),
where N is the number of digits.
Note:
To avoid differences in brightness this register should not be used to blank parts of the display (leading zeros).
Table 17. Intensity Register Format
Duty Cycle
HEX Code
Register Data
Duty Cycle
HEX Code
Register Data
MSB
D2
D1
LSB
MSB
D2
D1
LSB
1/16 (min on)
0xX0
0
0
0
0
9/16
0xX8
1
0
0
0
2/16
0xX1
0
0
0
1
10/16
0xX9
1
0
0
1
3/16
0xX2
0
0
1
0
11/16
0xXA
1
0
1
0
4/16
0xX3
0
0
1
1
12/16
0xXB
1
0
1
1
5/16
0xX4
0
1
0
0
13/16
0xXC
1
1
0
0
6/16
0xX5
0
1
0
1
14/16
0xXD
1
1
0
1
7/16
0xX6
0
1
1
0
15/16
0xXE
1
1
1
0
8/16
0xX7
0
1
1
1
15/16 (max on)
0xXF
1
1
1
1
Table 18. Intensity Register Address
Register HEX Address
Register Data
Type
D7:D4
D3:D0
0x0A
Global
X
Global Intensity
0x10
Digit
Digit 1 Intensity
Digit 0 Intensity
0x11
Digit
Digit 3 Intensity
Digit 2 Intensity
0x12
Digit
Digit 5 Intensity
Digit 4 Intensity
0x13
Digit
Digit 7 Intensity
Digit 6 Intensity
Table 19. Scan-Limit Register Format (Address (HEX) = 0x0B))
Scan Limit
HEX
Code
Register Data
Scan Limit
HEX
Code
Register Data
D7:D3
D2
D1
D0
D7:D3
D2
D1
D0
Display digit 0 only
0xX0
X
0
0
0
Display digits 0:4
0xX4
X
1
0
0
Display digits 0:1
0xX1
X
0
0
1
Display digits 0:5
0xX5
X
1
0
1
Display digits 0:2
0xX2
X
0
1
0
Display digits 0:6
0xX6
X
1
1
0
Display digits 0:3
0xX3
X
0
1
1
Display digits 0:7
0xX7
X
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com