Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3412 Datasheet(PDF) 41 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 41 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 37Page - ams-OSRAM AG AS3412 Datasheet HTML 38Page - ams-OSRAM AG AS3412 Datasheet HTML 39Page - ams-OSRAM AG AS3412 Datasheet HTML 40Page - ams-OSRAM AG AS3412 Datasheet HTML 41Page - ams-OSRAM AG AS3412 Datasheet HTML 42Page - ams-OSRAM AG AS3412 Datasheet HTML 43Page - ams-OSRAM AG AS3412 Datasheet HTML 44Page - ams-OSRAM AG AS3412 Datasheet HTML 45Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 85 page
background image
Page 40
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Detailed Description
Independent of the OTP programming, it is possible to
overwrite the OTP register temporarily if the chip is controlled
via I²C.  The chip configuration can be stored for example in the
flash memory of a Bluetooth- or wireless chipset and can be
loaded to the ANC chip during startup of the device via the I²C
interface. Because the OTP fuses upload their contents into the
OTP register at power-up, the new OTP settings from the
microcontroller will overwrite the default settings of the
AS3412.  All I²C OTP registers settings can be changed as many
times as desired, but will be lost during power off.  
OPT Registers and Fuses: The OTP registers are volatile
memory cells which lose the content once the device is
switched off. Multiple read and write commands are possible
but in order to store chip settings during power off mode, the
OTP fuses have to be used.
The OTP memory can be accessed in the following ways:
• LOAD Operation
The LOAD operation reads the OTP fuses and
loads the contents into the OTP register. A LOAD
operation is automatically executed after each
power-on-reset.
• WRITE Operation
The WRITE operation allows a temporary
modification of the OTP register. It does not
program the OTP. This operation can be invoked
multiple times and will remain set while the chip
is supplied with power and while the OTP register
is not modified with another WRITE or LOAD
operation.
• READ Operation
The READ operation reads the contents of the OTP
register, for example to verify a WRITE command
or to read the OTP memory after a LOAD
command.
• STORE Operation
The STORE operation programs the contents of
the OTP register permanently into the OTP fuses.
Don’t use old or nearly empty batteries for
programming the fuses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com