Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3412 Datasheet(PDF) 50 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 50 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 46Page - ams-OSRAM AG AS3412 Datasheet HTML 47Page - ams-OSRAM AG AS3412 Datasheet HTML 48Page - ams-OSRAM AG AS3412 Datasheet HTML 49Page - ams-OSRAM AG AS3412 Datasheet HTML 50Page - ams-OSRAM AG AS3412 Datasheet HTML 51Page - ams-OSRAM AG AS3412 Datasheet HTML 52Page - ams-OSRAM AG AS3412 Datasheet HTML 53Page - ams-OSRAM AG AS3412 Datasheet HTML 54Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 85 page
background image
ams Datasheet
Page 49
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
Random Read and Sequential Read are combined formats. The
repeated START condition is used to change the direction after
the data transfer from the master.
The word address transfer is initiated with a START condition
issued by the master while the bus is idle. The START condition
is followed by the device-write address and the word address.
In order to change the data direction a repeated START
condition is issued on the 1st SCL pulse after the acknowledge
bit of the word address transfer. After the reception of the
device-read address, the slave becomes the transmitter. In this
state the slave transmits register data located by the previous
received word address vector. The master responds to the data
byte with a not-acknowledge, and issues a STOP condition on
the bus.
Figure 65:
Sequential Read
Sequential Read: This figure shows the read sequence for a sequential read command.
Sequential Read is the extended form of Random Read, as more
than one register-data bytes are transferred subsequently.
Different from the Random Read, for a sequential read, the
transferred register-data bytes are responded with an
acknowledge from the master. The number of data bytes
transferred in one sequence is unlimited (consider the behavior
of the word-address counter). To terminate the transmission the
master has to send a not-acknowledge following the last data
byte and then generate the STOP condition.
Figure 66:
Current Address Read
Current Address Read: This figure shows the I²C read sequence.
A
DW
S
WA
A Sr
DR
A
reg_data 1
A
reg_data 2
A
...
reg_data n
RA++
RA++
RA++
P
N
reg_data n
S
DR
A
data
A
reg_data 2
A
...
RA++
RA++
RA++
P
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com