Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3412 Datasheet(PDF) 69 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 69 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 65Page - ams-OSRAM AG AS3412 Datasheet HTML 66Page - ams-OSRAM AG AS3412 Datasheet HTML 67Page - ams-OSRAM AG AS3412 Datasheet HTML 68Page - ams-OSRAM AG AS3412 Datasheet HTML 69Page - ams-OSRAM AG AS3412 Datasheet HTML 70Page - ams-OSRAM AG AS3412 Datasheet HTML 71Page - ams-OSRAM AG AS3412 Datasheet HTML 72Page - ams-OSRAM AG AS3412 Datasheet HTML 73Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
Page 68
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Register Description
Figure 85:
MODE_2 Register Description
Name
Address
Default Value
MODE_2
0x35
0x00
This register controls miscellaneous settings of the AS3512.
Bit
Bit Name
Default
Access
Bit Description
7
TEST_BIT_7
1
R/W
Test register. Please do not write this register.
3
MICS_DC_OFF
0
R/W
This bit disables the internal microphone supply
discharge function if the microphone supply is
switched off.
0: MICS discharge enabled
1: MICS discharge disabled
2
DELAY_HPH_
MUX
0R/W
With this bit it is possible to delay the HPH_MUX
setting during startup of the device to avoid
unwanted pop noise in case of long charging times of
external components.
0: HPH_MUX_OTP delay disabled
1: HPH_MUX_OTP delay enabled
1HPH_MODE
0
R/W
This register controls the operating mode of the
headphone amplifier. The headphone amplifier
supports single ended mode and differential mode. In
differential output mode the right audio signal path is
the active input signal for the headphone amplifier.
0: Stereo single ended mode
1: Mono differential mode
0I2C_MODE
0
R/W
This bit enables I²C power down of the AS3412.
0: I²C power down disabled
1: I²C power down enabled via PWR_HOLD bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com