Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M3 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # RA4M3
Description  Renesas Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M3 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button RA4M3 Datasheet HTML 73Page - Renesas Technology Corp RA4M3 Datasheet HTML 74Page - Renesas Technology Corp RA4M3 Datasheet HTML 75Page - Renesas Technology Corp RA4M3 Datasheet HTML 76Page - Renesas Technology Corp RA4M3 Datasheet HTML 77Page - Renesas Technology Corp RA4M3 Datasheet HTML 78Page - Renesas Technology Corp RA4M3 Datasheet HTML 79Page - Renesas Technology Corp RA4M3 Datasheet HTML 80Page - Renesas Technology Corp RA4M3 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 98 page
background image
Table 2.46
Code flash memory characteristics (2 of 2)
Conditions: Program or erase: FCLK = 4 to 50 MHz
Read: FCLK ≤ 50 MHz
Parameter
Symbol
FCLK = 4 MHz
20 MHz ≤ FCLK ≤ 50 MHz
Unit
Test
conditions
Min
Typ*6 Max Min
Typ*6
Max
Programming time
NPEC > 100 times
128-byte
tP128
0.91
15.8 —
0.41
7.2
ms
8-KB
tP8K
60
212
27
96
ms
32-KB
tP32K
234
848
106
384
ms
Erasure time
NPEC ≤ 100 times
8-KB
tE8K
78
216
43
120
ms
32-KB
tE32K
283
864
157
480
ms
Erasure time
NPEC > 100 times
8-KB
tE8K
94
260
52
144
ms
32-KB
tE32K
341
1040 —
189
576
ms
Reprogramming/erasure cycle*4
NPEC
10000*1 —
10000*1
Times
Suspend delay during programming
tSPD
264
120
µs
Programming resume time
tPRT
110
50
µs
First suspend delay during erasure in suspend
priority mode
tSESD1
216
120
µs
Second suspend delay during erasure in suspend
priority mode
tSESD2
1.7
1.7
ms
Suspend delay during erasure in erasure priority
mode
tSEED
1.7
1.7
ms
First erasing resume time during erasure in suspend
priority mode*5
tREST1
1.7
1.7
ms
Second erasing resume time during erasure in
suspend priority mode
tREST2
144
80
µs
Erasing resume time during erasure in erasure
priority mode
tREET
144
80
µs
Forced stop command
tFD
32
20
µs
Data hold time*2
tDRP
10*2 *3
10*2 *3
Years
Note 1. This is the minimum number of times to guarantee all the characteristics after reprogramming. The guaranteed range is from 1 to
the minimum value.
Note 2. This indicates the minimum value of the characteristic when reprogramming is performed within the specified range.
Note 3. This result is obtained from reliability testing.
Note 4. The reprogram/erase cycle is the number of erasures for each block. When the reprogram/erase cycle is n times (n = 10,000),
erasing can be performed n times for each block. For example, when 128-byte programming is performed 64 times for different
addresses in 8-KB blocks, and then the entire block is erased, the reprogram/erase cycle is counted as one. However, programming
the same address several times as one erasure is not enabled. Overwriting is prohibited.
Note 5. Time for resumption includes time for reapplying the erasing pulse (up to one full pulse) that was cut off at the time of suspension.
Note 6. The reference value at VCC = 3.3V and room temperature.
RA4M3 Datasheet
2. Electrical Characteristics
R01DS0368EJ0150 Rev.1.50
Apr 25, 2025
Page 77 of 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com