Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M3 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # RA4M3
Description  Renesas Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M3 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button RA4M3 Datasheet HTML 22Page - Renesas Technology Corp RA4M3 Datasheet HTML 23Page - Renesas Technology Corp RA4M3 Datasheet HTML 24Page - Renesas Technology Corp RA4M3 Datasheet HTML 25Page - Renesas Technology Corp RA4M3 Datasheet HTML 26Page - Renesas Technology Corp RA4M3 Datasheet HTML 27Page - Renesas Technology Corp RA4M3 Datasheet HTML 28Page - Renesas Technology Corp RA4M3 Datasheet HTML 29Page - Renesas Technology Corp RA4M3 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 98 page
background image
2.2.3
I/O IOH, IOL
Table 2.5
I/O IOH, IOL
Parameter
Symbol
Min Typ Max Unit
Permissible output current (average value
per pin)
Ports P000 to P009, P014, P015, P201
IOH
–2.0 mA
IOL
2.0
mA
Ports P205, P206, P407 to P415, P708
to P713 (total 17 pins)
Low drive*1
IOH
–2.0 mA
IOL
2.0
mA
Middle drive*2 IOH
–4.0 mA
IOL
4.0
mA
High drive*3
IOH
–20 mA
IOL
20
mA
Other output pins*4
Low drive*1
IOH
–2.0 mA
IOL
2.0
mA
Middle drive*2 IOH
–4.0 mA
IOL
4.0
mA
High drive*3
IOH
–16 mA
IOL
16
mA
Permissible output current (max value per
pin)
Ports P000 to P009, P014, P015, P201
IOH
–4.0 mA
IOL
4.0
mA
Ports P205, P206, P407 to P415, P708
to P713 (total 17 pins)
Low drive*1
IOH
–4.0 mA
IOL
4.0
mA
Middle drive*2 IOH
–8.0 mA
IOL
8.0
mA
High drive*3
IOH
–40 mA
IOL
40
mA
Other output pins*4
Low drive*1
IOH
–4.0 mA
IOL
4.0
mA
Middle drive*2 IOH
–8.0 mA
IOL
8.0
mA
High drive*3
IOH
–32 mA
IOL
32
mA
Permissible output current (maxvalue of total
of all pins)
Maximum of all output pins
ΣIOH (max) —
–80 mA
ΣIOL (max) —
80
mA
Note 1. This is the value when low driving ability is selected in the Port Drive Capability bit in the PmnPFS register. The selected driving
ability is retained in Deep Software Standby mode.
Note 2. This is the value when middle driving ability is selected in the Port Drive Capability bit in the PmnPFS register. The selected driving
ability is retained in Deep Software Standby mode.
Note 3. This is the value when high driving ability is selected in the Port Drive Capability bit in the PmnPFS register. The selected driving
ability is retained in Deep Software Standby mode.
Note 4. Except for P200, which is an input port.
Caution: To protect the reliability of the MCU, the output current values should not exceed the values in this table.
The average output current indicates the average value of current measured during 100 µs.
RA4M3 Datasheet
2. Electrical Characteristics
R01DS0368EJ0150 Rev.1.50
Apr 25, 2025
Page 26 of 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com