Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLS360 Datasheet(PDF) 11 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 11 Page - Clarke International

Back Button DLS360 Datasheet HTML 7Page - Clarke International DLS360 Datasheet HTML 8Page - Clarke International DLS360 Datasheet HTML 9Page - Clarke International DLS360 Datasheet HTML 10Page - Clarke International DLS360 Datasheet HTML 11Page - Clarke International DLS360 Datasheet HTML 12Page - Clarke International DLS360 Datasheet HTML 13Page - Clarke International DLS360 Datasheet HTML 14Page - Clarke International DLS360 Datasheet HTML 15Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
9. Easy Start Valve: Releases the head build up pressure which will build when pull
starting the engine, and help it easier to start.
ASSEMBLY
FITTING THE WHEELS
1. Insert the axle into the frame as
shown.
• Rotate the axle so that the spring
loaded pin pops through the hole
on the frame.
2. Fit the wheels to the axles and
secure with the washers and locking
nuts supplied.
NOTE: DO NOT overtighten the
locking nuts, the wheels must
be able to rotate freely.
CONNECTING THE BATTERY
NOTE: The power washer comes with
the battery disconnected. The
battery is mounted on the rear of
the frame in its own chassis
1. Unscrew the blue negative ‘-’ terminal
and attach the blue negative cable,
reconnect and tighten the terminal.
2. Unscrew the red positive ‘+’ terminal
and attach the red positive cable,
reconnect and tighten the terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com