Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLS360 Datasheet(PDF) 22 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 22 Page - Clarke International

Back Button DLS360 Datasheet HTML 18Page - Clarke International DLS360 Datasheet HTML 19Page - Clarke International DLS360 Datasheet HTML 20Page - Clarke International DLS360 Datasheet HTML 21Page - Clarke International DLS360 Datasheet HTML 22Page - Clarke International DLS360 Datasheet HTML 23Page - Clarke International DLS360 Datasheet HTML 24Page - Clarke International DLS360 Datasheet HTML 25Page - Clarke International DLS360 Datasheet HTML 26Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
22
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
• Slide the nozzle forward for low pressure and backwards for high pressure.
ADJUSTING THE PRESSURE
There are 4 ways to adjust the pressure.
1. Adjust the pressure regulator on the
pump. Turn the pressure regulator
knob counter clockwise to lower
pressure. Once you have finished
using your power washer, return the
pressure regulator to its original
position.
2. Back away from the surface to be
cleaned. The further away you are,
the less the pressure will be on the
surface being cleaned.
3. Reduce the speed of the engine (RPM). Slow the engine down and the water
pressure will also go down.
4. Adjust the spray to a wider angle.
• Slide the nozzle forward for low pressure and backwards for high pressure.
APPLYING DETERGENTS AND CLEANING SOLVENTS
NOTE: Use only detergents designed for pressure washers; household detergents,
acids, alkalines, bleach, solvents, flammable material or industrial grade
solutions can damage the pump. Many detergents may require mixing prior to
use. Prepare the cleaning solution as instructed on the solution bottle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com