Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLS360 Datasheet(PDF) 16 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 16 Page - Clarke International

Back Button DLS360 Datasheet HTML 12Page - Clarke International DLS360 Datasheet HTML 13Page - Clarke International DLS360 Datasheet HTML 14Page - Clarke International DLS360 Datasheet HTML 15Page - Clarke International DLS360 Datasheet HTML 16Page - Clarke International DLS360 Datasheet HTML 17Page - Clarke International DLS360 Datasheet HTML 18Page - Clarke International DLS360 Datasheet HTML 19Page - Clarke International DLS360 Datasheet HTML 20Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
16
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CHECKING THE ENGINE OIL LEVEL
1. Turn the oil filler cap/dipstick anti-
clockwise and remove it from the oil
filler tube.
2. Wipe the oil filler cap/dipstick with a
clean cloth.
3. Insert the oil filler cap/dipstick back
into the oil filler tube and then remove
it again. DO NOT screw it in when
doing this.
4. If the oil is low, fill the oil reservoir to
the edge of the oil filler hole, as
shown.
• We recommend the use of
SAE10W/30 oil in the engine.
5. Replace the oil filler cap.
CHECKING THE PUMP & GEARBOX OIL LEVEL
1. Look at the sight glass on the pump
and gearbox to check the oil levels
inside.
• The oil should be half way up the
sight glass.
WARNING: RUNNING THE ENGINE WITH INSUFFICIENT OIL WILL CAUSE
ENGINE DAMAGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com