Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD2TC5 LAB Datasheet(PDF) 16 Page - Wavelength Electronics, Inc.

Part # LD2TC5 LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LD2TC5 LAB Datasheet(HTML) 16 Page - Wavelength Electronics, Inc.

Back Button LD2TC5 LAB Datasheet HTML 12Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 13Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 14Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
16
CHANGE FUSES
Figure 22. Fuse Box
1. On the back panel (see
page 10), locate the Fuse Box.
2. Insert a small flathead screwdriver into the slot (1) at the
top of the box and twist to open faceplate.
3. Install the fuses, one on each side of the receptacle,
as shown in the image below, making sure the fuses
contact the metal plate at the connector end of the fuse
receptacle.
Figure 23. Fuse Placement
VOLTAGE
FUSES
PART NUMBER
100-240 V
3.15 A, 250 V,
fast blow
Littelfuse 02163.15 HXP
4. Insert the fuse drawer in the fuse box, positioned as
shown below. Press firmly to make sure the drawer is
completely seated and flush with the box.
Figure 24. Fuse Box Direction
5. Close the faceplate, again pressing firmly until it is flush.
UPDATE THE FIRMWARE
The firmware can be updated on the instrument using the rear
USB connection.
1. On the Wavelength Electronics website, navigate to one
of the following download locations:
»
Either the Temperature Controller or the Laser Driver
tab on the Software Downloads page.
OR
»
Download & Design Tools tab on the LD250mTC5
LAB, LD2TC5 LAB or LD5TC10 LAB product pages.
NOTE: USE Firmware Version 2.01 and later for
LDTC LAB Revision E. Use Firmware Version 1.11 for
LDTC LAB Revisions A-D. To determine the revision of
the LDTC LAB, the third character in the Serial Number
(
Figure 25) indicates the instrument revision. In Figure 25
the revision is A.
Installing the wrong revision of firmware may require
recalibration at the factory.
2. Save the firmware update file and the Firmware Update
Application to the hard drive of a computer.
3. Connect the instrument to the computer via the USB
connection on the rear panel, and turn on the rear power
switch.
4. Open the Firmware Update Application.
5. Select the unit to update in the application.
6. Drag & drop the file into the application window or browse
for the file to select the firmware update.
»
The application will verify the update to ensure that the
correct file and instrument have been selected.
»
You should see the old and new firmware version on
the screen.
7. Press Start. The screen on the instrument will show
"Updating Firmware. Check App for status."
8. Cycle power on the instrument when application has
finished.
9. The instrument will automatically install the firmware
immediately following the reboot.
The screen will
show version number, application verification, SDCard
detection, file check, and new firmware installation.
10. The instrument is ready to run when returned to home
(remote) screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com