Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD2TC5 LAB Datasheet(PDF) 11 Page - Wavelength Electronics, Inc.

Part # LD2TC5 LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LD2TC5 LAB Datasheet(HTML) 11 Page - Wavelength Electronics, Inc.

Back Button LD2TC5 LAB Datasheet HTML 7Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 10Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 11Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 12Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 13Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 14Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
FRONT PANEL
LDD ENABLE
TC ENABLE
Laser Diode & Temperature Control
LD5 TC10 LAB
1
3
5
2
4
Figure 10. Front Panel
FRONT PANEL FUNCTIONS
Table 4. Front panel Functions
NAME
DESCRIPTION
1
Keylock Switch
UNLOCK allows laser output current to flow.
LOCK disables output current.
Note: The key can only be removed when in the LOCK position.
UNLOCK icon
LOCK icon
2
Touchscreen Display
Main user interface. Use this to switch between laser and temperature control settings.
3
Adjustment Knob
Turn to adjust the numeric values. Instrument beeps when values are set.
4
TC Enable Button
Allows instrument to deliver current to the thermoelectric load. Glows blue when current is enabled.
5
LDD Enable Button
Allows instrument to deliver current to the laser. Glows red when current is enabled.
TEXT AND ICON COLOR KEY
Text color indicates current state.
White, Green Uneditable field, for information only.
Blue
Editable field, touch to select or toggle field
Yellow
Adjustments can be made to this field using
either the touchscreen or adjustment knob.
Instrument beeps and text returns to blue
when values are set. If changes are not
made, touch again to cancel selection.
ICONS
Icon color indicates current state.
Blue, Red
Screen is active.
Grey
Screen is inactive, touch to access screen.
DISPLAY SCREEN
Updated displays from revisions E and later of the LDTC
LAB are brighter when compared to those of revisions A-D.
Wavelength is committed to continuous improvement of our
instruments. Both displays function as designed, and the new
display’s quality and visibility have been enhanced for an
improved overall user experience.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com