Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD2TC5 LAB Datasheet(PDF) 28 Page - Wavelength Electronics, Inc.

Part # LD2TC5 LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LD2TC5 LAB Datasheet(HTML) 28 Page - Wavelength Electronics, Inc.

Back Button LD2TC5 LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 24Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 25Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 26Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 27Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 28Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 29Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 30Page - Wavelength Electronics, Inc. LD2TC5 LAB Datasheet HTML 31Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
28
MECHANICAL SPECIFICATIONS
16.35
[415.3]
17.75
[450.9]
0.60
[15.2]
0.80
[20.3]
3.47
[88.1]
6.0
[152.4]
3.91
[99.3]
8.86
[225.0]
16.35
[415.3]
3.47
[88.1]
3.91
[99.3]
8.86
[225.0]
Dimensions in inches [mm] ±5%
CABLING SPECIFICATIONS
WCB407: TE/RH/SENSOR DB15+2 CABLE (NOT INCLUDED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com