Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82810PVCAR Datasheet(PDF) 26 Page - Texas Instruments

Part # TPSM82810PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82810PVCAR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPSM82810PVCAR Datasheet HTML 22Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 23Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 24Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 25Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 26Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 27Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 28Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 29Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
R1
VIN
GND
VOUT
GND
U1
Cff
Rcf
Css
Cout
GND
GND
VIN
VIN
Figure 9-39. Example Layout SIL Package
9.5.2.1 Thermal Consideration
The TPSM8281x module temperature must be kept less than the maximum rating of 125°C. The following are
three basic approaches for enhancing thermal performance:
• Improve the power dissipation capability of the PCB design.
• Improve the thermal coupling of the component to the PCB.
• Introduce airflow into the system.
To estimate the approximate module temperature of the TPSM8281x, apply the typical efficiency stated in this
data sheet to the desired application condition to compute the power dissipation of the module. Then, calculate
the module temperature rise by multiplying the power dissipation by the thermal resistance. For more details on
how to use the thermal parameters in real applications, see the application notes: Thermal Characteristics of
Linear and Logic Packages Using JEDEC PCB Designs and Semiconductor and IC Package Thermal Metrics.
The thermal values in Thermal Information used the recommended land pattern, shown at the end of this data
sheet, including the 18 vias as shown. The TPSM8281x was simulated on a PCB defined by JEDEC 51-7. The
9 vias on the GND pins were connected to copper on other PCB layers, while the remaining 9 vias were not
connected to other layers.
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
www.ti.com
26
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com