Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F572MDDDFB Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # R5F572MDDDFB
Description  Renesas MCUs
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F572MDDDFB Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R5F572MDDDFB Datasheet HTML 8Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 9Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 10Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 11Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 12Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 13Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 14Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 15Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 180 page
background image
RX72M Group
1. Overview
R01DS0332EJ0120 Rev.1.20
Page 12 of 180
Nov 15, 2023
Note 1. When the realtime clock is not used, initialize the registers in the time clock according to description in section 33.6.7,
Initialization Procedure When the Realtime Clock is Not to be Used in the User’s Manual: Hardware.
Note 2. Magic PacketTM is a registered trademark of Advanced Micro Devices, Inc.
Note 3. EtherCAT® is a registered trademark and patented technology, licensed by Beckhoff Automation GmbH, Germany.
Note 4. The product part number differs according to whether or not the MCU includes the encryption function.
Note 5. The low CL crystal unit cannot be used when the VBATT voltage is less than 2.0 V.
Safety
Clock frequency
accuracy measurement
circuit (CAC)
 Monitors the clock output from the main clock oscillator, sub-clock oscillator, low- and
high-speed on-chip oscillators, IWDT-dedicated on-chip oscillator, USB clock, Ethernet-
PHY external clock, and PCLKB, and generates interrupts when the setting range is
exceeded.
Data operation circuit
(DOC)
 The function to compare, add, or subtract 16-bit data
Encryption
function
Trusted Secure IP
(TSIP)*4
 Security algorithm
Common key encryption: AES (compliant with NIST FIPS PUB 197), TDES, ARC4
Non-common key encryption: RSA
 Other features
TRNG (true-random number generator)
Hash value generation: SHA1, SHA224, SHA256, MD5, GHASH
Prevention of the illicit copying of keys
Operating frequency
Up to 240 MHz
Power supply voltage
VCC = AVCC0 = AVCC1 = VCC_USB = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VBATT = 1.62 to 3.6 V*5
Operating temperature
D-version: –40 to +85°C
G-version: –40 to +105°C
Package
224-pin LFBGA (PLBG0224GA-A)
176-pin LFBGA (PLBG0176GA-A)
176-pin LFQFP (PLQP0176KB-C)
144-pin LFQFP (PLQP0144KA-B)
100-pin LFQFP (PLQP0100KB-B)
On-chip debugging system
 E1 emulator (JTAG and FINE interfaces)
Table 1.1
Outline of Specifications (11/11)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com