| Electronic Components Datasheet Search |
|
R5F572MDDDFB Datasheet(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F572MDDDFB Datasheet(HTML) 22 Page - Renesas Technology Corp |
|
22 / 180 page ![]() RX72M Group 1. Overview R01DS0332EJ0120 Rev.1.20 Page 22 of 180 Nov 15, 2023 Ethernet controller REF50CK0, REF50CK1 Input 50-MHz reference clocks. These pins input reference signals for transmission/reception timings in RMII mode. RMII0_CRS_DV, RMII1_CRS_DV Input These pins indicate that there are carrier detection signals and valid receive data on RMIIn_RXD1 and RMIIn_RXD0 in RMII mode. RMII0_TXD0, RMII0_TXD1, RMII1_TXD0, RMII1_TXD1 Output 2-bit transmit data in RMII mode RMII0_RXD0, RMII0_RXD1, RMII1_RXD0, RMII1_RXD1 Input 2-bit receive data in RMII mode RMII0_TXD_EN, RMII1_TXD_EN Output Output pins for data transmit enable signals in RMII mode RMII0_RX_ER, RMII1_RX_ER Input These pins indicate an error has occurred during reception of data in RMII mode. ET0_CRS, ET1_CRS Input Carrier detection/data reception enable pins ET0_RX_DV, ET1_RX_DV Input These pins indicate that there are valid receive data on ETn_ERXD3 to ETn_ERXD0. ET0_EXOUT, ET1_EXOUT Output General-purpose external output pins ET0_LINKSTA, ET1_LINKSTA Input Input link status from the PHY-LSI. ET0_ETXD0 to ET0_ETXD3, ET1_ETXD0 to ET1_ETXD3 Output 4 bits of MII transmit data ET0_ERXD0 to ET0_ERXD3, ET1_ERXD0 to ET1_ERXD3 Input 4 bits of MII receive data ET0_TX_EN, ET1_TX_EN Output Transmit enable pins. These pins function as signals indicating that transmit data are ready on ETn_ETXD3 to ETn_ETXD0. ET0_TX_ER, ET1_TX_ER Output Transmit error pins. These pins function as signals notifying the PHY-LSI of an error during transmission. ET0_RX_ER, ET1_RX_ER Input Receive error pins. These pins function as signals to recognize an error during reception. ET0_TX_CLK, ET1_RX_CLK Input Transmit clock pins. These pins input reference signals for output timings from ETn_TX_EN, ETn_ETXD3 to ETn_ETXD0, and ETn_TX_ER. ET0_RX_CLK, ET1_RX_CLK Input Receive clock pins. These pins input reference signals for input timings to ETn_RX_DV, ETn_ERXD3 to ETn_ERXD0, and ETn_RX_ER. ET0_COL, ET1_COL Input Input collision detection signals. ET0_WOL, ET1_WOL Output Receive Magic packets. ET0_MDC, ET1_MDC Output Output reference clock signals for information transfer via ETn_MDIO. ET0_MDIO, ET1_MDIO I/O Input or output bidirectional signals for exchange of management information between this MCU and the PHY-LSI. CLKOUT25M Output 25-MHz clock output pin for PHY clock input (used in common by the EtherCAT module) EPLSOUT0, EPLSOUT1 Output Pulse output signals for time synchronization PHY management interface PMGI0_MDC, PMGI1_MDC Output Reference clock signals for information transfer by PMGIn_MDIO PMGI0_MDIO, PMGI1_MDIO I/O Bi-directional signals for the exchange of management information between the PHY LSI chip and this MCU Table 1.4 Pin Functions (5/9) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |