| Electronic Components Datasheet Search |
|
STA015T Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA015T Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 55 page ![]() STA015 STA015B STA015T 14/55 Figure 14. Input from BITSTREAM, Output from GPSO Figure 15. Input from ADC, Output from GPSO 5.0 I2C BUS SPECIFICATION The STA015 supports the I2C protocol. This protocol defines any device that sends data on to the bus as a transmitter and any device that reads the data as a receiver. The device that controls the data transfer is known as the master and the others as the slave. The master always starts the transfer and provides the serial clock for synchronisation. The STA015 is always a slave device in all its communications. 5.1 COMMUNICATION PROTOCOL 3.1.0 - Data transition or change Data changes on the SDA line must only occur when the SCL clock is low. SDA transition while the clock is high are used to identify START or STOP condition. 5.1.1 Start condition START is identified by a high to low transition of the data bus SDA signal while the clock signal SCL is stable in the high state. A START condition must precede any command for data transfer. 5.1.2 Stop condition STOP is identified by low to high transition of the data bus SDA signal while the clock signal SCL is stable in the high state. A STOP condition terminates communications between STA015 and the bus master. 5.1.3 Acknowledge bit An acknowledge bit is used to indicate a successful data transfer. The bus transmitter, either master or slave, releases the SDA bus after sending 8 bit of data. During the 9th clock pulse the receiver pulls the SDA bus low to acknowledge the receipt of 8 bits of data. SDI GPSO_REQ GPSO_SCKR GPSO_DATA SCKR LRCKT SCKT SDO OCLK DATA_REQ MCU DAC STA015 BIT_EN I2C D99AU1122A TQFP44 LFBGA64 GPSO_SCKR GPSO_REQ LRCK_ADC SCK_ADC SDI_ADC GPSO_DATA MCU ADC MASTER DAC STA015 D99AU1124A OCLK SDO SCKT LRCKT TQFP44 LFBGA64 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |