Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC08B Datasheet(PDF) 19 Page - Microchip Technology

Part # 24LC08B
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC08B Datasheet(HTML) 19 Page - Microchip Technology

Back Button 24LC08B Datasheet HTML 15Page - Microchip Technology 24LC08B Datasheet HTML 16Page - Microchip Technology 24LC08B Datasheet HTML 17Page - Microchip Technology 24LC08B Datasheet HTML 18Page - Microchip Technology 24LC08B Datasheet HTML 19Page - Microchip Technology 24LC08B Datasheet HTML 20Page - Microchip Technology 24LC08B Datasheet HTML 21Page - Microchip Technology 24LC08B Datasheet HTML 22Page - Microchip Technology 24LC08B Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
 2002-2021 Microchip Technology Inc.
DS20001710N-page 19
24AA08/24LC08B/24FC08
127(
0LFURFKLS 7HFKQRORJ\'UDZLQJ& 5HY ( 6KHHWRI
1XPEHURI7HUPLQDOV
2YHUDOO +HLJKW
7HUPLQDO :LGWK
2YHUDOO :LGWK
7HUPLQDO /HQJWK
([SRVHG3DG :LGWK
7HUPLQDO 7KLFNQHVV
3LWFK
6WDQGRII
8QLWV
'LPHQVLRQ /LPLWV
$
$
E
(
$
H
/
(
1
 %6&
 5()










 %6&
0,//,0(7(56
0,1
120






0$;
.


5()5HIHUHQFH'LPHQVLRQXVXDOO\ ZLWKRXWWROHUDQFHIRU LQIRUPDWLRQ SXUSRVHV RQO\
%6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXWWROHUDQFHV



1RWHV
3LQYLVXDO LQGH[IHDWXUHPD\YDU\EXWPXVWEHORFDWHGZLWKLQ WKH KDWFKHGDUHD
3DFNDJHLV VDZ VLQJXODWHG
'LPHQVLRQLQJDQGWROHUDQFLQJ SHU $60( <0
7HUPLQDOWR([SRVHG3DG
/HDG3ODVWLF'XDO)ODW1R/HDG3DFNDJH 0& [[PP%RG\>')1@
)RU WKHPRVWFXUUHQWSDFNDJHGUDZLQJVSOHDVHVHH WKH0LFURFKLS3DFNDJLQJ6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
1RWH
2YHUDOO /HQJWK
([SRVHG 3DG /HQJWK
'
'

 %6&

 3DFNDJHPD\KDYHRQHRUPRUHH[SRVHGWLHEDUV DW HQGV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com