Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC08B Datasheet(PDF) 47 Page - Microchip Technology

Part # 24LC08B
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC08B Datasheet(HTML) 47 Page - Microchip Technology

Back Button 24LC08B Datasheet HTML 41Page - Microchip Technology 24LC08B Datasheet HTML 42Page - Microchip Technology 24LC08B Datasheet HTML 43Page - Microchip Technology 24LC08B Datasheet HTML 44Page - Microchip Technology 24LC08B Datasheet HTML 45Page - Microchip Technology 24LC08B Datasheet HTML 46Page - Microchip Technology 24LC08B Datasheet HTML 47Page - Microchip Technology 24LC08B Datasheet HTML 48Page - Microchip Technology 24LC08B Datasheet HTML 49Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
 2002-2021 Microchip Technology Inc.
DS20001710N-page 47
24AA08/24LC08B/24FC08
PRODUCT IDENTIFICATION SYSTEM (AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA08:
= 1.7V, 8-Kbit I2C Serial EEPROM
24LC08B: = 2.5V, 8-Kbit I2C Serial EEPROM
24FC08:
= 1.7V, High-Speed, 8-Kbit I2C Serial
EEPROM
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
I= -40
C to +85C (AEC-Q100 Grade 3)
E= -40
C to +125C (AEC-Q100 Grade 1)
Package:
MS
=
Plastic Micro Small Outline Package, 8-Lead
(MSOP)
OT
=
Plastic Small Outline Transistor, 5-Lead
(SOT-23) (Tape and Reel Only)
SN
=
Plastic Small Outline – Narrow, 3.90 mm Body,
8-Lead (SOIC)
ST
=
Plastic Thin Shrink Small Outline – 4.4 mm,
8-Lead (TSSOP)
Q6B
=
Plastic Dual Flat, No Lead Wettable Flanks
Package - 2x3x0.55 mm Body, 8-Lead (UDFN)
Variant(2,3):
15KVAO = Standard Automotive, 15K Process(4)
15KVXX = Customer-Specific Automotive, 15K
Process(4)
16KVAO = Standard Automotive, 16K Process(4)
16KVXX = Customer-Specific Automotive, 16K
Process(4)
36KVAO = Standard Automotive, 36K Process
36KVXX = Customer-Specific Automotive, 36K Process
Examples:
a) 24LC08BT-I/MS16KVAO: Tape and Reel,
Automotive Grade 3, 2.5V, MSOP Package.
b) 24LC08B-E/SN16KVAOA: Automotive Grade
1, 2,5V, SOIC Package.
c) 24LC08BT-E/OT16KVAO: Tape and Reel,
Automotive Grade 1, 2.5V, SOT-23 Package.
d) 24LC08BT-E/SN16KVAO: Tape and Reel,
Automotive Grade 1, 2.5V SOIC Package.
e) 24FC08T-E/SN36KVAO:
Tape and Reel,
Automotive Grade 1, 1.7V SOIC Package.
f) 24FC08T-E/ST36KVAO: Tape and Reel,
Automotive Grade 1, 1.7V TSSOP Package.
g) 24FC08T-E/OT36KVAO: Tape and Reel,
Automotive Grade 1, 1.7V SOT-23 Package.
h) 24FC08T-E/Q6B36KVAO: Tape and Reel,
Automotive Grade 1, 1.7V UDFN Package.
Note 1: Tape and Reel identifier only appears
in the catalog part number description.
This identifier is used for ordering pur-
poses and is not printed on the device
package. Check with your Microchip
Sales Office for package availability
with the Tape and Reel option.
2: The VAO/VXX automotive variants
have been designed, manufactured,
tested and qualified in accordance with
AEC-Q100 requirements for automo-
tive applications.
3: For customers requesting a PPAP, a
customer-specific part number will be
generated and provided. A PPAP is not
provided for VAO part numbers.
4: Not recommended for new designs.
[X]
Tape and Reel
Option
XXX
Variant
(1)
(2, 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com