Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC08B Datasheet(PDF) 30 Page - Microchip Technology

Part # 24LC08B
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC08B Datasheet(HTML) 30 Page - Microchip Technology

Back Button 24LC08B Datasheet HTML 26Page - Microchip Technology 24LC08B Datasheet HTML 27Page - Microchip Technology 24LC08B Datasheet HTML 28Page - Microchip Technology 24LC08B Datasheet HTML 29Page - Microchip Technology 24LC08B Datasheet HTML 30Page - Microchip Technology 24LC08B Datasheet HTML 31Page - Microchip Technology 24LC08B Datasheet HTML 32Page - Microchip Technology 24LC08B Datasheet HTML 33Page - Microchip Technology 24LC08B Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
24AA08/24LC08B/24FC08
DS20001710N-page 30
 2002-2021 Microchip Technology Inc.
0LFURFKLS 7HFKQRORJ\'UDZLQJ&27 5HY *6KHHWRI
)RU WKHPRVWFXUUHQWSDFNDJHGUDZLQJVSOHDVHVHH WKH0LFURFKLS3DFNDJLQJ6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
1RWH
F
/
/
T
9,(: $$
6+((7 
/HDG3ODVWLF6PDOO2XWOLQH7UDQVLVWRU 27 >627@
SURWUXVLRQVVKDOO QRWH[FHHGPP SHU VLGH

%6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXWWROHUDQFHV

)RRW $QJOH
1XPEHURI 3LQV
3LWFK
2XWVLGHOHDG SLWFK
2YHUDOO +HLJKW
0ROGHG3DFNDJH7KLFNQHVV
6WDQGRII
2YHUDOO :LGWK
0ROGHG3DFNDJH :LGWK
2YHUDOO /HQJWK
)RRW/HQJWK
)RRWSULQW
/HDG7KLFNQHVV
/HDG:LGWK
1RWHV
/
I
E
F
'LPHQVLRQ /LPLWV
(
(
'
/
H
$
$
$
8QLWV
1
H
ƒ





ƒ


0,//,0(7(56
 %6&
 %6&




 5()
 %6&

 %6&
 %6&



0,1

120




0$;
5()5HIHUHQFH'LPHQVLRQXVXDOO\ ZLWKRXWWROHUDQFHIRU LQIRUPDWLRQ SXUSRVHV RQO\
'LPHQVLRQV' DQG( GRQRWLQFOXGHPROG IODVKRUSURWUXVLRQV 0ROG IODVK RU
'LPHQVLRQLQJDQGWROHUDQFLQJ SHU $60( <0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com