Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM689XM Datasheet(PDF) 26 Page - Sanken electric

Part # SIM689XM
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM689XM Datasheet(HTML) 26 Page - Sanken electric

Back Button SIM689XM Datasheet HTML 22Page - Sanken electric SIM689XM Datasheet HTML 23Page - Sanken electric SIM689XM Datasheet HTML 24Page - Sanken electric SIM689XM Datasheet HTML 25Page - Sanken electric SIM689XM Datasheet HTML 26Page - Sanken electric SIM689XM Datasheet HTML 27Page - Sanken electric SIM689XM Datasheet HTML 28Page - Sanken electric SIM689XM Datasheet HTML 29Page - Sanken electric SIM689XM Datasheet HTML 30Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
26
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
high- and low-side power supplies.
12.4.2.1. Undervoltage Lockout for High-
side Power Supply (UVLO_VB)
Figure 12-12 shows operational waveforms of the
undervoltage lockout for high-side power supply (i.e.,
UVLO_VB).
When the voltage between the VBx and output pins
(VBx–HSx) decreases to the High-side Logic Operation
Stop Voltage (VBS(OFF) = 10.0 V) or less, the UVLO_VB
circuit in the corresponding phase gets activated and sets
an HOx signal to logic low. When the voltage between
the VBx and HSx pins increases to the High-side Logic
Operation Start Voltage (VBS(ON) = 10.5 V) or more, the
IC releases the UVLO_VB operation. Then, the HOx
signal becomes logic high at the rising edge of the first
input command after the UVLO_VB release. Any fault
signals are not output from the FO pin during the
UVLO_VB operation. In addition, the VBx pin has an
internal UVLO_VB filter of about 3 μs, in order to
prevent noise-induced malfunctions.
LINx
HINx
VBx-HSx
HOx
LOx
FO
VBS(OFF)
VBS(ON)
No FO output at UVLO_VB.
0
0
0
0
0
0
UVLO release
UVLO_VB
operation
About 3 µs
HOx restarts at
positive edge after
UVLO_VB release.
Figure 12-12.
UVLO_VB Operational Waveforms
12.4.2.2. Undervoltage Lockout for Low-
side Power Supply (UVLO_VCC)
Figure 12-13 shows operational waveforms of the
undervoltage lockout for low-side power supply (i.e.,
UVLO_VCC). When the VCC2 pin voltage decreases to
the
Low-side
Logic
Operation
Stop
Voltage
(VCC(OFF) = 11.0 V) or less, the UVLO_VCC circuit in
the corresponding phase gets activated and sets both of
HOx and LOx signals to logic low. When the VCC2 pin
voltage increases to the Low-side Logic Operation Start
Voltage (VCC(ON) = 11.5 V) or more, the IC releases the
UVLO_VCC
operation.
The
IC
then
resumes
transmitting HOx and LOx signals according to input
commands on the HINx and LINx pins, respectively.
During the UVLO_VCC operation, the FO pin becomes
logic low and sends fault signals.
In
addition,
the
VCC2
pin
has
an
internal
UVLO_VCC filter of about 3 μs, in order to prevent
noise-induced malfunctions.
About 3 µs
LINx
HINx
VCC2
HOx
LOx
FO
VCC(OFF)
VCC(ON)
LOx responds to input signal.
0
0
0
0
0
0
UVLO_VCC
operation
Figure 12-13.
UVLO_VCC Operational Waveforms
12.4.3
Overcurrent Protection (OCP)
The overcurrent protection (OCP) is a protection
against large inrush currents (i.e., high di/dt). Figure 12-
14 is an internal circuit diagram describing the OCP pin
and its peripheral circuit. The OCP pin detects
overcurrents with voltage across external shunt resistors,
RSx. Because the OCP pin is internally pulled down, the
OCP pin voltage increases proportionally to a rise in the
current running through the shunt resistor, RSx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com