Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6041LDWR Datasheet(PDF) 49 Page - Texas Instruments

Part # ISO6041LDWR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6041LDWR Datasheet(HTML) 49 Page - Texas Instruments

Back Button ISO6041LDWR Datasheet HTML 45Page - Texas Instruments ISO6041LDWR Datasheet HTML 46Page - Texas Instruments ISO6041LDWR Datasheet HTML 47Page - Texas Instruments ISO6041LDWR Datasheet HTML 48Page - Texas Instruments ISO6041LDWR Datasheet HTML 49Page - Texas Instruments ISO6041LDWR Datasheet HTML 50Page - Texas Instruments ISO6041LDWR Datasheet HTML 51Page - Texas Instruments ISO6041LDWR Datasheet HTML 52Page - Texas Instruments ISO6041LDWR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
-.244
.228
-6.19
5.80
[
]
.069 MAX
[1.75]
14X .0250
[0.635]
16X
-.012
.008
-0.30
0.21
[
]
2X
.175
[4.45]
TYP
-.010
.005
-0.25
0.13
[
]
0 - 8
-.010
.004
-0.25
0.11
[
]
(.041 )
[1.04]
.010
[0.25]
GAGE PLANE
-.035
.016
-0.88
0.41
[
]
A
NOTE 3
-.197
.189
-5.00
4.81
[
]
B
NOTE 4
-.157
.150
-3.98
3.81
[
]
SHRINK SMALL-OUTLINE PACKAGE
SSOP - 1.75 mm max height
DBQ0016A
4214846/A 03/2014
NOTES:
1. Linear dimensions are in inches [millimeters]. Dimensions in parenthesis are for reference only. Controlling dimensions are in inches.
Dimensioning and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed .006 inch, per side.
4. This dimension does not include interlead flash.
5. Reference JEDEC registration MO-137, variation AB.
1
16
.007 [0.17]
C A
B
9
8
PIN 1 ID AREA
SEATING PLANE
.004 [0.1] C
SEE DETAIL A
TYPICAL
DETAIL A
SCALE 2.800
www.ti.com
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com