Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6041LDWR Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO6041LDWR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6041LDWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO6041LDWR Datasheet HTML 3Page - Texas Instruments ISO6041LDWR Datasheet HTML 4Page - Texas Instruments ISO6041LDWR Datasheet HTML 5Page - Texas Instruments ISO6041LDWR Datasheet HTML 6Page - Texas Instruments ISO6041LDWR Datasheet HTML 7Page - Texas Instruments ISO6041LDWR Datasheet HTML 8Page - Texas Instruments ISO6041LDWR Datasheet HTML 9Page - Texas Instruments ISO6041LDWR Datasheet HTML 10Page - Texas Instruments ISO6041LDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC_RO (1)
Supply Voltage Side 1 and Side
2 (Recommended Operating
Range)
VCC1 = 1.8V to 5V (3)
1.71
5.5
V
VCC_UVLO+
VCC UVLO threshold when supply voltage is rising
1.52
1.70
V
VCC_UVLO–
VCC UVLO threshold when supply voltage is falling
1.2
1.41
VCC_UVLO_HYS VCC Supply voltage UVLO hysteresis
0.075
0.09
VIH(ENx)
Enable (ENx): High level input voltage
0.7 × VCCI
(2)
VCCI
V
VIL(ENx)
Enable (ENx): High level input voltage
0
0.3 × VCCI
VIMAX(ENx)
Enable (ENx): maximum input voltage
0
5.5
VIH(INx)
Input (INx): High level input voltage
0.7 × VCCI
(2)
VCCI
V
VIL(INx)
Input (INx): Low level input voltage
0
0.3 × VCCI
VIMAX(INx)
Input (INx): maximum input voltage
0
5.5
IOH
Output (OUTx): High level output
current
VCCO = 5V (2)
-4
mA
VCCO = 3.3V (2)
-2
VCCO = 2.5V (2)
-1
VCCO = 1.8V (2)
-1
IOL
Output (OUTx): Low level output
current
VCCO = 5V (2)
4
mA
VCCO = 3.3V (2)
2
VCCO = 2.5V (2)
1
VCCO = 1.8V (2)
1
DR
Data Rate
2.25V ≤ VCCx ≤ 5.5V
and CL≤15pF(4)
0
200
Mbps
1.71V ≤ VCCx < 2.25V
and CL≤10pF(4)
0
200
1.71V ≤ VCCx < 2.25V
and 10pF < CL≤ 15pF(4)
0
150
TA
Ambient temperature
-40
25
125
°C
(1)
VCC1 and VCC2 can be set independent of one another
(2)
VCCI = Input-side VCC; VCCO = Output-side VCC
(3)
The channel outputs are in undetermined state when VCC_UVLO– ≤ VCC1, VCC2 < VCC_RO(MIN).
(4)
See Section 7 .
6.4 Thermal Information
THERMAL METRIC(1)
UNIT
PACKAGE
PINS
RθJA
RθJC(top)
RθJB
ψJT
ψJB
RθJC(bot)
DW (Wide-SOIC)
16
71.8
35.2
37.6
17
37.1
NA
°C/W
DFP (Wide-SSOP)
16
97.2
49.1
60.0
21.3
58.7
NA
°C/W
DBQ (SSOP)
16
91.8
42.3
49.7
16.4
49.1
NA
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
www.ti.com
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com