Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6041LDWR Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO6041LDWR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6041LDWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO6041LDWR Datasheet HTML 4Page - Texas Instruments ISO6041LDWR Datasheet HTML 5Page - Texas Instruments ISO6041LDWR Datasheet HTML 6Page - Texas Instruments ISO6041LDWR Datasheet HTML 7Page - Texas Instruments ISO6041LDWR Datasheet HTML 8Page - Texas Instruments ISO6041LDWR Datasheet HTML 9Page - Texas Instruments ISO6041LDWR Datasheet HTML 10Page - Texas Instruments ISO6041LDWR Datasheet HTML 11Page - Texas Instruments ISO6041LDWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO6040d (d = H for default high and d = L for default low)
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5V, TJ = 150°C, CL =
15pF, Input a 100MHz 50% duty cycle
square wave
375
mW
PD1
Maximum power dissipation (side-1)
93.3
mW
PD2
Maximum power dissipation (side-2)
281.7
mW
ISO6041d (d = H for default high and d = L for default low)
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5V, TJ = 150°C, CL
=15pF, Input a 100MHz 50% duty cycle
square wave
375
mW
PD1
Maximum power dissipation (side-1)
141
mW
PD2
Maximum power dissipation (side-2)
234
mW
ISO6042d (d = H for default high and d = L for default low)
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5V, TJ = 150°C, CL =
15pF, Input a 100MHz 50% duty cycle
square wave
384
mW
PD1
Maximum power dissipation (side-1)
188
mW
PD2
Maximum power dissipation (side-2)
186
mW
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com