Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6040HDFPR Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO6040HDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6040HDFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO6040HDFPR Datasheet HTML 5Page - Texas Instruments ISO6040HDFPR Datasheet HTML 6Page - Texas Instruments ISO6040HDFPR Datasheet HTML 7Page - Texas Instruments ISO6040HDFPR Datasheet HTML 8Page - Texas Instruments ISO6040HDFPR Datasheet HTML 9Page - Texas Instruments ISO6040HDFPR Datasheet HTML 10Page - Texas Instruments ISO6040HDFPR Datasheet HTML 11Page - Texas Instruments ISO6040HDFPR Datasheet HTML 12Page - Texas Instruments ISO6040HDFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
PACKAGE
UNIT
16-DW
16-DFP
16-DBQ
IEC 60664-1
CLR
External clearance(1)
Side 1 to side 2 distance through air
>8.15
>8
>3.7
mm
CPG
External creepage(1)
Side 1 to side 2 distance across package
surface
>8.15
>8
>3.7
mm
DTI
Distance through the
insulation
Minimum internal gap (internal
clearance)
>17
>17
>17
µm
CTI
Comparative tracking index
IEC 60112
> 600
> 600
> 600
V
Material Group
According to IEC 60664-1
I
I
I
Overvoltage category
Rated mains voltage ≤ 150VRMS
I-IV
I-IV
I-IV
Rated mains voltage ≤ 300VRMS
I-IV
I-IV
I-III
Rated mains voltage ≤ 600VRMS
I-IV
I-IV
n/a
Rated mains voltage ≤ 1000VRMS
I-III
I-III
n/a
DIN EN IEC 60747-17 (VDE 0884-17)
Suitability
DIN EN IEC 60747-17 (VDE 0884-17)
suitability(2)
VIORM
Maximum repetitive peak
isolation voltage
AC voltage (bipolar)
1500
1500
707
VPK
VIOWM
Maximum isolation working
voltage
AC voltage (sine wave); time-dependent
dielectric breakdown (TDDB) test.
1061
1061
500(7)
VRMS
DC voltage
1500
1500
707
VDC
VIOTM
Maximum transient isolation
voltage
VTEST = VIOTM, t = 60s (qualification);
VTEST = 1.2 × VIOTM, t= 1s (100%
production)
7071
7071
4243
VPK
VIMP
Maximum impulse voltage(3)
Tested in air, 1.2/50µs waveform per IEC
62368-1
8000
8000
5000
VPK
VIOSM
Maximum surge isolation
voltage(4)
VIOSM ≥ 1.3 × VIMP; Tested in oil
(qualification test), 1.2/50μs waveform
per IEC 62368-1
10400
10400
10400
VPK
qpd
Apparent charge(5)
Method a, After Input-output safety
test subgroup 2/3, Vini = VIOTM, tini =
60s; Vpd(m) = 1.2 × VIORM, tm = 10s
≤5
≤5
≤ 5
pC
Method a, After environmental tests
subgroup 1, Vini = VIOTM, tini = 60s; Vpd(m)
= 1.6 × VIORM, tm = 10s
≤5
≤5
≤ 5
Method b: At routine test (100%
production); Vini = 1.2 × VIOTM, tini =
1s; Vpd(m) = 1.875 × VIORM, tm = 1s
(method b1) or Vpd(m) = Vini, tm = tini
(method b2)
≤5
≤5
≤ 5
CIO
Barrier capacitance, input to
output(6)
VIO = 0.4 × sin (2 πft), f = 1MHz
≅1.7
≅1.8
≅1.85
pF
RIO
Insulation resistance, input to
output(6)
VIO = 500V, TA = 25°C
>1012
>1012
> 1012
Ω
VIO = 500V, 100°C ≤ TA ≤ 125°C
>1011
>1011
> 1011
VIO = 500V at TS = 150°C
>109
>109
> 109
Pollution degree
2
2
2
Climatic category
40/125/21
40/125/21
40/125/21
UL 1577
www.ti.com
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com