Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6040HDFPR Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO6040HDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6040HDFPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO6040HDFPR Datasheet HTML 7Page - Texas Instruments ISO6040HDFPR Datasheet HTML 8Page - Texas Instruments ISO6040HDFPR Datasheet HTML 9Page - Texas Instruments ISO6040HDFPR Datasheet HTML 10Page - Texas Instruments ISO6040HDFPR Datasheet HTML 11Page - Texas Instruments ISO6040HDFPR Datasheet HTML 12Page - Texas Instruments ISO6040HDFPR Datasheet HTML 13Page - Texas Instruments ISO6040HDFPR Datasheet HTML 14Page - Texas Instruments ISO6040HDFPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
6.7 Safety-Related Certifications
VDE
UL
CQC
TUV
Plan to certify according to DIN
EN IEC 60747-17 (VDE 0884-17)
Plan to certify according to UL
1577 and CSA CAS Notice No.
5A
Plan to certify according to
GB4943.1
Plan to certify according to EN
61010-1 and EN 62368-1
Certificate planned
Certificate planned
Certificate planned
Certificate planned
6.8 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW-16 (Wide-SOIC) Package
IS
Safety input, output, or supply current
RθJA = 71.8°C/W, VI = 5.5V, TJ = 150°C,
TA = 25°C
316.5
mA
RθJA = 71.8°C/W, VI = 3.6V, TJ = 150°C,
TA = 25°C
483.6
RθJA = 71.8°C/W, VI = 2.75V, TJ = 150°C,
TA = 25°C
633.1
RθJA = 71.8°C/W, VI = 1.89V, TJ = 150°C,
TA = 25°C
921.1
PS
Safety input, output, or total power
RθJA = 71.8°C/W, TJ = 150°C, TA = 25°C
1740.9
mW
TS
Maximum safety temperature
150
°C
DFP-16 (Wide-SSOP) Package
IS
Safety input, output, or supply current
RθJA = 97.2°C/W, VI = 5.5V, TJ = 150°C,
TA = 25°C
233.8
mA
IS
RθJA = 97.2°C/W, VI = 3.6V, TJ = 150°C,
TA = 25°C
357.2
IS
RθJA = 97.2°C/W, VI = 2.75V, TJ = 150°C,
TA = 25°C
467.6
IS
RθJA = 97.2°C/W, VI = 1.89V, TJ = 150°C,
TA = 25°C
680.4
PS
Safety input, output, or total power
RθJA = 97.2°C/W, TJ = 150°C, TA = 25°C
1286.0
mW
TS
Maximum safety temperature
150
°C
DBQ-16 (SSOP) Package
IS
Safety input, output, or supply current
RθJA = 91.8°C/W, VI = 5.5V, TJ = 150°C,
TA = 25°C
247.6
mA
IS
RθJA = 91.8°C/W, VI = 3.6V, TJ = 150°C,
TA = 25°C
378.2
IS
RθJA = 91.8°C/W, VI = 2.75V, TJ = 150°C,
TA = 25°C
495.1
IS
RθJA = 91.8°C/W, VI = 1.89V, TJ = 150°C,
TA = 25°C
720.5
PS
Safety input, output, or total power
RθJA = 91.8°C/W, TJ = 150°C, TA = 25°C
1361.7
mW
TS
Maximum safety temperature
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The
IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
www.ti.com
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com