Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD934220MT Datasheet(PDF) 21 Page - STMicroelectronics

Part # PSD934220MT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934220MT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PSD934220MT Datasheet HTML 17Page - STMicroelectronics PSD934220MT Datasheet HTML 18Page - STMicroelectronics PSD934220MT Datasheet HTML 19Page - STMicroelectronics PSD934220MT Datasheet HTML 20Page - STMicroelectronics PSD934220MT Datasheet HTML 21Page - STMicroelectronics PSD934220MT Datasheet HTML 22Page - STMicroelectronics PSD934220MT Datasheet HTML 23Page - STMicroelectronics PSD934220MT Datasheet HTML 24Page - STMicroelectronics PSD934220MT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
21/89
PSD834F2V
ory sector(s). Before and during Erase time-out,
any instruction other than Suspend Sector Erase
and Resume Sector Erase instructions abort the
cycle that is currently in progress, and reset the
device to Read mode. It is not necessary to pro-
gram the Flash memory sector with 00h as the
PSD does this automatically before erasing
(byte=FFh).
During a Sector Erase, the memory status may be
checked by reading the Error Flag (DQ5) bit, the
Toggle Flag (DQ6) bit, and the Data Polling Flag
(DQ7) bit, as detailed in the section entitled “Pro-
gramming Flash Memory”, on page 19.
During execution of the Erase cycle, the Flash
memory accepts only Reset and Suspend Sector
Erase instructions. Erasure of one Flash memory
sector may be suspended, in order to read data
from another Flash memory sector, and then re-
sumed.
Suspend Sector Erase. When a Sector Erase
cycle is in progress, the Suspend Sector Erase in-
struction can be used to suspend the cycle by writ-
ing 0B0h to any address when an appropriate
Sector Select (FS0-FS7 or CSBOOT0-CSBOOT3)
is High. (See Table 7). This allows reading of data
from another Flash memory sector after the Erase
cycle has been suspended. Suspend Sector
Erase is accepted only during an Erase cycle and
defaults to Read mode. A Suspend Sector Erase
instruction executed during an Erase time-out pe-
riod, in addition to suspending the Erase cycle, ter-
minates the time out period.
The Toggle Flag (DQ6) bit stops toggling when the
PSD internal logic is suspended. The status of this
bit must be monitored at an address within the
Flash memory sector being erased. The Toggle
Flag (DQ6) bit stops toggling between 0.1 µs and
15 µs after the Suspend Sector Erase instruction
has been executed. The PSD is then automatically
set to Read mode.
If an Suspend Sector Erase instruction was exe-
cuted, the following rules apply:
– Attempting to read from a Flash memory sector
that was being erased outputs invalid data.
– Reading from a Flash sector that was
not being
erased is valid.
– The Flash memory
cannot be programmed, and
only responds to Resume Sector Erase and Re-
set Flash instructions (Read is an operation and
is allowed).
– If a Reset Flash instruction is received, data in
the Flash memory sector that was being erased
is invalid.
Resume Sector Erase. If
a
Suspend
Sector
Erase instruction was previously executed, the
erase cycle may be resumed with this instruction.
The Resume Sector Erase instruction consists of
writing 030h to any address while an appropriate
Sector Select (FS0-FS7 or CSBOOT0-CSBOOT3)
is High. (See Table 7.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com