Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD934220MT Datasheet(PDF) 32 Page - STMicroelectronics

Part # PSD934220MT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934220MT Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PSD934220MT Datasheet HTML 28Page - STMicroelectronics PSD934220MT Datasheet HTML 29Page - STMicroelectronics PSD934220MT Datasheet HTML 30Page - STMicroelectronics PSD934220MT Datasheet HTML 31Page - STMicroelectronics PSD934220MT Datasheet HTML 32Page - STMicroelectronics PSD934220MT Datasheet HTML 33Page - STMicroelectronics PSD934220MT Datasheet HTML 34Page - STMicroelectronics PSD934220MT Datasheet HTML 35Page - STMicroelectronics PSD934220MT Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 89 page
background image
PSD834F2V
32/89
Product Term Allocator
The CPLD has a Product Term Allocator. The PS-
Dabel compiler uses the Product Term Allocator to
borrow and place product terms from one macro-
cell to another. The following list summarizes how
product terms are allocated:
s
McellAB0-McellAB7 all have three native
product terms and may borrow up to six more
s
McellBC0-McellBC3 all have four native product
terms and may borrow up to five more
s
McellBC4-McellBC7 all have four native product
terms and may borrow up to six more.
Each macrocell may only borrow product terms
from certain other macrocells. Product terms al-
ready in use by one macrocell are not available for
another macrocell.
If an equation requires more product terms than
are available to it, then “external” product terms
are required, which consume other Output Macro-
cells (OMC). If external product terms are used,
extra delay is added for the equation that required
the extra product terms.
This is called product term expansion. PSDsoft
Express performs this expansion as needed.
Loading and Reading the Output Macrocells
(OMC). The Output Macrocells (OMC) block oc-
cupies a memory location in the MCU address
space, as defined by the CSIOP block (see the
section entitled “I/O Ports”, on page 45). The flip-
flops in each of the 16 Output Macrocells (OMC)
can be loaded from the data bus by a MCU. Load-
ing the Output Macrocells (OMC) with data from
the MCU takes priority over internal functions. As
such, the preset, clear, and clock inputs to the flip-
flop can be overridden by the MCU. The ability to
load the flip-flops and read them back is useful in
such applications as loadable counters and shift
registers, mailboxes, and handshaking protocols.
Data can be loaded to the Output Macrocells
(OMC) on the trailing edge of Write Strobe (WR,
CNTL0) (edge loading) or during the time that
Write Strobe (WR, CNTL0) is active (level load-
ing). The method of loading is specified in PSDsoft
Express Configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com