Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD934220MT Datasheet(PDF) 6 Page - STMicroelectronics

Part # PSD934220MT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934220MT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PSD934220MT Datasheet HTML 2Page - STMicroelectronics PSD934220MT Datasheet HTML 3Page - STMicroelectronics PSD934220MT Datasheet HTML 4Page - STMicroelectronics PSD934220MT Datasheet HTML 5Page - STMicroelectronics PSD934220MT Datasheet HTML 6Page - STMicroelectronics PSD934220MT Datasheet HTML 7Page - STMicroelectronics PSD934220MT Datasheet HTML 8Page - STMicroelectronics PSD934220MT Datasheet HTML 9Page - STMicroelectronics PSD934220MT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
PSD834F2V
6/89
KEY FEATURES
s
A simple interface to 8-bit microcontrollers that
use either multiplexed or non-multiplexed
busses. The bus interface logic uses the control
signals generated by the microcontroller
automatically when the address is decoded and
a read or write is performed. A partial list of the
MCU families supported include:
– Intel 8031, 80196, 80186, 80C251, and
80386EX
– Motorola 68HC11, 68HC16, 68HC12, and
683XX
– Philips 8031 and 8051XA
– Zilog Z80 and Z8
s
Internal 2 Mbit Flash memory. This is the main
Flash memory. It is divided into 8 equal-sized
blocks that can be accessed with user-specified
addresses.
s
Internal secondary 256 Kbit Flash boot memory.
It is divided into 4 equal-sized blocks that can be
accessed with user-specified addresses. This
secondary memory brings the ability to execute
code and update the main Flash
concurrently.
s
Internal 64 Kbit SRAM. The SRAM’s contents
can be protected from a power failure by
connecting an external battery.
s
CPLD with 16 Output macrocells (OMCs) and
24 Input macrocells (IMCs). The CPLD may be
used to efficiently implement a variety of logic
functions for internal and external control.
Examples include state machines, loadable
shift registers, and loadable counters.
s
Decode PLD (DPLD) that decodes address for
selection of internal memory blocks.
s
27 individually configurable I/O port pins that
can be used for the following functions:
– MCU I/Os
–PLD I/Os
– Latched MCU address output
– Special function I/Os.
– 16 of the I/O ports may be configured as
open-drain outputs.
s
Standby current as low as 25 µA.
s
Built-in JTAG compliant serial port allows full-
chip In-System Programmability (ISP). With it,
you can program a blank device or reprogram a
device in the factory or the field.
s
Internal page register that can be used to
expand the microcontroller address space by a
factor of 256.
s
Internal programmable Power Management
Unit (PMU) that supports a low power mode
called Power Down Mode. The PMU can
automatically detect a lack of microcontroller
activity and put the PSD into Power-down
mode.
s
Erase/Write cycles:
– Flash memory – 100,000 minimum
– PLD – 1,000 minimum
– Data Retention: 15 year minimum (for Main
Flash memory, Boot, PLD and Configuration
bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com